Electronic Components Datasheet Search
  English  ▼

X  

2SC5706 Datasheet(PDF) 3 Page - Weitron Technology

Part # 2SC5706
Description  NPN EPITAXIAL PLANAR TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

2SC5706 Datasheet(HTML) 3 Page - Weitron Technology

  2SC5706 Datasheet HTML 1Page - Weitron Technology 2SC5706 Datasheet HTML 2Page - Weitron Technology 2SC5706 Datasheet HTML 3Page - Weitron Technology 2SC5706 Datasheet HTML 4Page - Weitron Technology 2SC5706 Datasheet HTML 5Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC5706
PW=20µs
D.C. ≤ 1%
INPUT
Switching Time Test Circuit
OUTPUT
50Ω
25Ω
VCC=25V
VBE=-5V
10IB1 = -10IB2 = IC = 1A
100µF
470µF
RB
VR
+
+
IB1
IB2
0
0.4
0.8
1.0
1.2
1.4
1
0
2
3
4
5
IB=0
5mA
10mA
20mA
30mA
40mA
50mA
60mA
70mA
80mA
Characteristics Curve
Collector-to-Emitter Voltage, VCE(V)
FIG.1 IC - VCE
FIG.2 IC - VBE
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VCE=2V
IC / IB = 20
VCE=2V
Ta=75˚C
25˚C
-25˚C
Ta=75˚C
25˚C
-25˚C
Base-to-Emitter Voltage, VBE (V)
Collector Current, IC (A)
FIG.3 hFE - IC
FIG.4 VCE(sat) - IC
Collector Current, IC (A)
Collector Current, IC (A)
FIG.5 VCE(sat) - IC
FIG.6 VBE(sat) - IC
Collector Current, IC (A)
0.01
0.1
1.0
10
10
100
1000
0.01
0.1
1.0
10
10
100
0.01
0.1
1.0
10
1.0
10
0.1
0.01
0.1
1.0
10
10
100
1000
10000
1000
Ta=-25˚C
25˚C
75˚C
IC / IB = 50
IC / IB = 50
Ta=75˚C
25˚C
-25˚C
WEITRON
http://www.weitron.com.tw
3/5
25-Aug-05



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com