Electronic Components Datasheet Search
  English  ▼

X  

74F198 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74F198
Description  8-bit bidirectional universal shift register
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F198 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74F198 Datasheet HTML 3Page - NXP Semiconductors 74F198 Datasheet HTML 4Page - NXP Semiconductors 74F198 Datasheet HTML 5Page - NXP Semiconductors 74F198 Datasheet HTML 6Page - NXP Semiconductors 74F198 Datasheet HTML 7Page - NXP Semiconductors 74F198 Datasheet HTML 8Page - NXP Semiconductors 74F198 Datasheet HTML 9Page - NXP Semiconductors 74F198 Datasheet HTML 10Page - NXP Semiconductors 74F198 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors
Product specification
74F198
8-bit bidirectional universal shift register
October 2, 1987
7
AC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST
CONDITION
VCC = +5.0V
Tamb = +25°C
CL = 50pF, RL = 500Ω
VCC = +5.0V ± 10%
Tamb = 0°C to +70°C
CL = 50pF, RL = 500Ω
UNIT
MIN
TYP
MAX
MIN
MAX
fMAX
Maximum clock frequency
Waveform 1
80
95
70
MHz
tPLH
tPHL
Propagation delay
CP to Qn
Waveform 1
5.0
6.0
7.5
8.5
10.0
11.0
4.5
5.5
11.0
12.0
ns
tPHL
Propagation delay
Waveform 3
5.0
7.5
10.0
4.5
11.0
ns
AC SETUP REQUIREMENTS
LIMITS
SYMBOL
PARAMETER
TEST
CONDITION
VCC = +5.0V
Tamb = +25°C
CL = 50pF, RL = 500Ω
VCC = +5.0V ± 10%
Tamb = 0°C to +70°C
CL = 50pF, RL = 500Ω
UNIT
MIN
TYP
MAX
MIN
MAX
tS(H)
tS((L)
Setup time, High or Low
Dn to CP
Waveform 2
0.0
3.0
0.0
3.0
ns
th(H)
th(L)
Hold time, High or Low
Dn to CP
Waveform 2
0.0
3.5
1.0
4.0
ns
tS(H)
tS(L)
Setup time, High or Low
DSR, DSL to CP
Waveform 2
0.0
3.0
0.0
3.0
ns
th(H)
th(L)
Hold time, High or Low
DSR, DSL to CP
Waveform 2
0.0
2.5
0.0
3.0
ns
tS(H)
tS(L)
Setup time, High or Low
Sn to CP
Waveform 2
9.0
6.0
10.0
7.0
ns
th(H)
th(L)
Hold time, High or Low
Sn to CP
Waveform 2
0.0
0.0
0.0
0.0
ns
tw(H)
tw(L)
CP Pulse width,
High or Low
Waveform 1
5.0
5.0
6.0
6.0
ns
tw(L)
MR Pulse width, Low
Waveform 3
5.0
5.0
ns
tREC
Recovery time MR to CP
Waveform 3
5.0
6.0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com