Electronic Components Datasheet Search
  English  ▼

X  

CF5020ALB Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # CF5020ALB
Description  High-Frequency, 3rd Overtone Crystal Oscillator Module ICs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5020ALB Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  CF5020ALB Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5020ALB Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5020ALB Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5020ALB Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5020ALB Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5020ALB Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5020ALB Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5020ALB Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5020ALB Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CF5020 series
NIPPON PRECISION CIRCUITS INC.—5
Electrical Characteristics
2.5V operation
VDD = 2.25 to 2.75V, VSS = 0V, Ta = −40 to +85°C unless otherwise noted.
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
HIGH-level output voltage
VOH
Q: Measurement cct 1, VDD = 2.25V, IOH = 8mA
1.75
1.95
–
V
LOW-level output voltage
VOL
Q: Measurement cct 2, VDD = 2.25V, IOL = 8mA
–
0.3
0.4
V
HIGH-level input voltage
VIH
INHN
0.7VDD
––
V
LOW-level input voltage
VIL
INHN
–
–
0.3VDD
V
Output leakage current
IZ
Q: Measurement cct 2, INHN = LOW
VOH = VDD
–
–
10
µA
VOL = VSS
–
–
10
µA
Current consumption
IDD
Measurement cct 3,
load cct 1,
INHN = open
CF5020ALA
CL = 15pF
f = 80MHz
–15
40
mA
CL = 30pF
f = 70MHz
–20
50
mA
CF5020ALB
CL = 15pF
f = 106MHz
–20
50
mA
CL = 30pF
f = 70MHz
–20
50
mA
CF5020ALC
CL = 15pF
f = 135MHz
–25
60
mA
CF5020ALD
CL = 15pF
f = 155MHz
–30
70
mA
Standby current
IST
Measurement cct 3, INHN = LOW
–
–
3
µA
INHN pull-up resistance
RUP1
Measurement cct 4
2
6
12
M
Ω
RUP2
50
100
150
k
Ω
AC feedback resistance
Rf1
Design value.
A monitor pattern on a wafer is tested.
CF5020ALA
2.12
2.5
2.88
k
Ω
CF5020ALB
3.82
4.5
5.18
k
Ω
CF5020ALC
2.80
3.3
3.80
k
Ω
CF5020ALD
1.87
2.2
2.53
k
Ω
DC feedback resistance
Rf2
Measurement cct 5
50
100
150
k
Ω
Oscillator amplifier output
resistance
RD
Design value.
A monitor pattern on a wafer is tested.
CF5020ALA
170
200
230
Ω
CF5020ALB
48.4
57
65.6
Ω
CF5020ALC
48.4
57
65.6
Ω
CF5020ALD
48.4
57
65.6
Ω
AC feedback capacitance
Cf
Design value. A monitor pattern on a wafer is tested.
8.5
10
11.5
pF
Built-in capacitance
CG
Design value.
A monitor pattern on a wafer is tested.
CF5020ALA
3.40
4
4.60
pF
CF5020ALB
2.55
3
3.45
pF
CF5020ALC
0.85
1
1.15
pF
CF5020ALD
0.85
1
1.15
pF
CD
Design value.
A monitor pattern on a wafer is tested.
CF5020ALA
5.95
7
8.05
pF
CF5020ALB
2.55
3
3.45
pF
CF5020ALC
2.55
3
3.45
pF
CF5020ALD
4.25
5
5.75
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com