Electronic Components Datasheet Search
  English  ▼

X  

CF5020ALB Datasheet(PDF) 7 Page - Nippon Precision Circuits Inc

Part # CF5020ALB
Description  High-Frequency, 3rd Overtone Crystal Oscillator Module ICs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5020ALB Datasheet(HTML) 7 Page - Nippon Precision Circuits Inc

Back Button CF5020ALB Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5020ALB Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5020ALB Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5020ALB Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5020ALB Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5020ALB Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5020ALB Datasheet HTML 9Page - Nippon Precision Circuits Inc CF5020ALB Datasheet HTML 10Page - Nippon Precision Circuits Inc CF5020ALB Datasheet HTML 11Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CF5020 series
NIPPON PRECISION CIRCUITS INC.—7
Switching Characteristics
CF5020ALA, CF5020ALB
2.5V operation
VDD = 2.25 to 2.75V, VSS = 0V, Ta = −40 to +85°C unless otherwise noted.
3V operation
VDD = 2.7 to 3.6V, VSS = 0V, Ta = −40 to +85°C unless otherwise noted.
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Output rise time
tr1
Measurement cct 3, load cct 1,
0.1VDD to 0.9VDD
CL = 15pF
–
1
3
ns
tr2
CL = 30pF
–
2
5.5
ns
Output fall time
tf1
Measurement cct 3, load cct 1,
0.9VDD to 0.1VDD
CL = 15pF
–
1
3
ns
tf2
CL = 30pF
–
2
5.5
ns
Output duty cycle*1
*1. The duty cycle characteristic is checked the sample chips of each production lot.
Duty1
Measurement cct 3, load cct 1,
VDD = 2.5V, Ta = 25°C
CL = 15pF, f = 106MHz
45
–
55
%
CL = 15pF, f = 125MHz
40
–
60
%
Duty2
CL = 30pF, f = 70MHz
45
–
55
%
Output disable delay time*2
*2. Oscillator stop function is built-in. When INHN goes LOW, normal output stops. When INHN goes HIGH, normal output is not resumed until after the
oscillator start-up time has elapsed.
tPLZ
Measurement cct 6, load cct 1, VDD = 2.5V, Ta = 25°C,
CL = 15pF
–
–
100
ns
Output enable delay time*2
tPZL
–
–
100
ns
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Output rise time
tr1
Measurement cct 3, load cct 1,
0.1VDD to 0.9VDD
CL = 15pF
–
1
2.5
ns
tr2
VDD = 3.0 to 3.6V
CL = 30pF
–
1.5
3
ns
Output fall time
tf1
Measurement cct 3, load cct 1,
0.9VDD to 0.1VDD
CL = 15pF
–
1
2.5
ns
tf2
VDD = 3.0 to 3.6V
CL = 30pF
–
1.5
3
ns
Output duty cycle*1
*1. The duty cycle characteristic is checked the sample chips of each production lot.
Duty2
Measurement cct 3, load cct 1, VDD = 3.0V, Ta = 25°C,
CL = 30pF, f = 125MHz
45–55
%
Output disable delay time*2
*2. Oscillator stop function is built-in. When INHN goes LOW, normal output stops. When INHN goes HIGH, normal output is not resumed until after the
oscillator start-up time has elapsed.
tPLZ
Measurement cct 6, load cct 1, VDD = 3.0V, Ta = 25°C,
CL = 15pF
–
–
100
ns
Output enable delay time*2
tPZL
–
–
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com