Electronic Components Datasheet Search
  English  ▼

X  

MIC3490 Datasheet(PDF) 3 Page - Microchip Technology

Part # MIC3490
Description  High Input Voltage, Low IQ μCap LDO Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC3490 Datasheet(HTML) 3 Page - Microchip Technology

  MIC3490 Datasheet HTML 1Page - Microchip Technology MIC3490 Datasheet HTML 2Page - Microchip Technology MIC3490 Datasheet HTML 3Page - Microchip Technology MIC3490 Datasheet HTML 4Page - Microchip Technology MIC3490 Datasheet HTML 5Page - Microchip Technology MIC3490 Datasheet HTML 6Page - Microchip Technology MIC3490 Datasheet HTML 7Page - Microchip Technology MIC3490 Datasheet HTML 8Page - Microchip Technology MIC3490 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
 2019 Microchip Technology Inc.
DS20006137A-page 3
MIC3490
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Input Supply Voltage (VIN) ........................................................................................................................... -20V to +38V
Enable Input Voltage (VEN) ......................................................................................................................... -0.3V to +38V
Power Dissipation (PDIS)........................................................................................................................ Internally Limited
ESD Rating (Note 1).................................................................................................................................. ESD Sensitive
Operating Ratings ‡
Input Supply Voltage (VIN) ......................................................................................................................... +2.3V to +36V
Enable Input Voltage (VEN) ............................................................................................................................. 0V to +36V
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational sections of this specification is not intended. Exposure to maximum rating conditions for extended
periods may affect device reliability. Specifications are for packaged product only.
‡ Notice: The device is not ensured to function outside its operating ratings.
Note 1: Devices are ESD sensitive. Handling precautions are recommended.
TABLE 1-1:
ELECTRICAL CHARACTERISTICS
Electrical Characteristics: TJ = +25°C with VIN = VOUT + 1V; IOUT = 100 µA;
Bold values indicate -40°C ≤ TJ ≤ +125°C; unless otherwise specified. Specifications for packaged product only.
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Output Voltage Accuracy
VOUT
-1.0
—
1.0
%
Variation from nominal VOUT
-2.0
—
2.0
Line Regulation
ΔVOUT/ΔVIN
—
0.04
0.5
%
VIN = VOUT + 1V to 36V
Load Regulation
ΔVOUT/VOUT
—0.25
1
%
IOUT = 100 µA to 100 mA
Dropout Voltage
VDO
—50—
mV
IOUT = 100 µA
—230
300
IOUT = 50 mA
——
400
—270
400
IOUT = 100 mA
——
450
Ground Current
IGND
—18
30
µA
IOUT = 100 µA
——
35
—
0.25
0.70
mA
IOUT = 50 mA
—1
2
IOUT = 100 mA
Ground Current in Shutdown
ISHDN
—0.1
1
µA
VEN ≤ 0.6V; VIN = 36V
Short-Circuit Current
ISC
—190
350
mA
VOUT = 0V
Output Leakage, Reverse
Polarity Input (Note 2)
VOUT
—
-0.1
—
V
Load = 500Ω; VIN = -15V
Enable Input
Input Low Voltage
VEN
——
0.6
V
Regulator off
Input High Voltage
2.0
—
—
Regulator on
Enable Input Current
IEN
-1.0
0.01
1.0
µA
VEN = 0.6V; Regulator off
—0.1
1.0
VEN = 2.0V; Regulator on
—0.5
2.5
VEN = 36V; Regulator on
Start-up Time
tSTART
—1.7
7
ms
VIN applied before EN signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com