Electronic Components Datasheet Search
  English  ▼

X  

MIC3490 Datasheet(PDF) 9 Page - Microchip Technology

Part # MIC3490
Description  High Input Voltage, Low IQ μCap LDO Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC3490 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MIC3490 Datasheet HTML 5Page - Microchip Technology MIC3490 Datasheet HTML 6Page - Microchip Technology MIC3490 Datasheet HTML 7Page - Microchip Technology MIC3490 Datasheet HTML 8Page - Microchip Technology MIC3490 Datasheet HTML 9Page - Microchip Technology MIC3490 Datasheet HTML 10Page - Microchip Technology MIC3490 Datasheet HTML 11Page - Microchip Technology MIC3490 Datasheet HTML 12Page - Microchip Technology MIC3490 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
 2019 Microchip Technology Inc.
DS20006137A-page 9
MIC3490
4.0
APPLICATION INFORMATION
4.1
Enable/Shutdown
The MIC3490 comes with an active-high enable pin
that allows the regulator to be disabled. Forcing the
enable pin low disables the regulator and sends it into
a “Zero” Off mode current state, consuming a typical
0.1 µA. Forcing the enable pin high enables the output
voltage.
4.2
Input Capacitor
The MIC3490 has a high input voltage capability, up
to 36V. The input capacitor must be rated to sustain
voltages that may be used on the input. An input capac-
itor may be required when the device is not near the
source power supply or when supplied by a battery.
Small surface mount, ceramic capacitors can be used
for bypassing. A larger value may be required if the
source supply has high ripple.
4.3
Output Capacitor
The MIC3490 requires an output capacitor for stability.
The design requires 2.2 µF or greater on the output to
maintain stability. The design is optimized for use with
low-ESR ceramic chip capacitors. High-ESR capacitors
may cause high-frequency oscillation. The maximum
recommended ESR is 3Ω. The output capacitor can be
increased without limit. Larger valued capacitors help to
improve transient response.
X7R/X5R dielectric-type ceramic capacitors are recom-
mended because of their temperature performance.
X7R-type capacitors change capacitance by 15% over
their operating temperature range and are the most
stable type of ceramic capacitors. Z5U and Y5V dielec-
tric capacitors change value by as much as 50% and
60%, respectively, over their operating temperature
ranges. To use a ceramic chip capacitor with Y5V
dielectric, the value must be much higher than an X7R
ceramic capacitor to ensure the same minimum
capacitance over the equivalent operating temperature
range.
4.4
No-Load Stability
The MIC3490 will remain stable and in regulation with
no load, unlike many other voltage regulators. This is
especially important in CMOS RAM keep-alive
applications.
4.5
Thermal Consideration
The MIC3490 is designed to provide 100 mA of
continuous current in a very small package. Maximum
power dissipation can be calculated based on the
output current and the voltage drop across the part.
To determine the maximum power dissipation of the
package, use the junction-to-ambient thermal resistance
of the device and Equation 4-1:
EQUATION 4-1:
Table 4-1 shows examples of the junction-to-ambient
thermal resistance for the MIC3490:
TABLE 4-1:
5-PIN SOT23 THERMAL
RESISTANCE
The actual power dissipation of the regulator circuit can
be determined using Equation 4-2:
EQUATION 4-2:
Substituting PD(MAX) for PD and solving for the operating
conditions that are critical to the application will give the
maximum operating conditions for the regulator circuit.
For example, when operating the MIC3490-3.0YM5 at
+50°C with a minimum footprint layout, the maximum
input voltage for a set output current can be determined
as follows:
EQUATION 4-3:
Package
θJA Recommended
Minimum Footprint
SOT23-5
+235°C/W
PDMAX

TJMAX

TA
–
JA
--------------------------------


=
Where:
TJ(MAX) = Maximum junction temperature of
the die at +125°C
TA =
The ambient operating temperature
θJA =
Layout dependent
PD
VIN VOUT
–
I
OUT
VIN
+IGND
=
PDMAX

125
C50C
–
235
C/W
-----------------------------------


=
Where:
PD(MAX) = 319 mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com