Electronic Components Datasheet Search
  English  ▼

X  

AP22908 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP22908
Description  1.5A SINGLE SLEW RATE CONTROLLED LOAD SWITCH
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22908 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP22908 Datasheet HTML 1Page - Diodes Incorporated AP22908 Datasheet HTML 2Page - Diodes Incorporated AP22908 Datasheet HTML 3Page - Diodes Incorporated AP22908 Datasheet HTML 4Page - Diodes Incorporated AP22908 Datasheet HTML 5Page - Diodes Incorporated AP22908 Datasheet HTML 6Page - Diodes Incorporated AP22908 Datasheet HTML 7Page - Diodes Incorporated AP22908 Datasheet HTML 8Page - Diodes Incorporated AP22908 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
AP22908
Document number: DS42262 Rev. 5 - 2
2 of 19
www.diodes.com
February 2023
© 2023 Copyright Diodes Incorporated. All Rights Reserved.
AP22908
Typical Applications Circuit
AP22908
VIN
ON
GND
VOUT
VIN
VOUT
CIN
1
μF
COUT
0.1
μF to 1.0μF
Pin Descriptions
Pin Name
Pin Number
Function
SOT26
X1-WLB0909-4
U-WLB0909-4
VOUT
1
A1
Voltage output pin. This is the pin to the P-channel MOSFET drain connection. Bypass to ground
through a 0.1µF to 1µF capacitor.
VIN
4, 6
A2
Voltage input pin. This is the pin to the P-channel MOSFET source. Bypass to ground through a
1µF capacitor.
GND
2, 5
B1
Ground
ON
3
B2
Enable input, active high
Functional Block Diagram
VIN
ON
GND
VOUT
Slew Rate
Control
Output
Discharge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com