Electronic Components Datasheet Search
  English  ▼

X  

AP22908 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP22908
Description  1.5A SINGLE SLEW RATE CONTROLLED LOAD SWITCH
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22908 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP22908 Datasheet HTML 1Page - Diodes Incorporated AP22908 Datasheet HTML 2Page - Diodes Incorporated AP22908 Datasheet HTML 3Page - Diodes Incorporated AP22908 Datasheet HTML 4Page - Diodes Incorporated AP22908 Datasheet HTML 5Page - Diodes Incorporated AP22908 Datasheet HTML 6Page - Diodes Incorporated AP22908 Datasheet HTML 7Page - Diodes Incorporated AP22908 Datasheet HTML 8Page - Diodes Incorporated AP22908 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
AP22908
Document number: DS42262 Rev. 5 - 2
3 of 19
www.diodes.com
February 2023
© 2023 Copyright Diodes Incorporated. All Rights Reserved.
AP22908
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Ratings
Unit
ESD HBM
Human Body Model ESD Protection
2
kV
ESD CDM
Charged Device Model ESD Protection
1
kV
VIN
Input Voltage
-0.3 to 4
V
VOUT
Output Voltage
-0.3 to 4
V
VON
ON Voltage
-0.3 to 4
V
IOUT
Maximum Continuous Output Current (VIN ≥ 1.2V)
1.5
A
IOUT
Maximum Pulse Output Current, Pulse <300µs, 2% Duty Cycle
2.5
A
TJ
Maximum Junction Temperature
-40
~+125
°C
TSTG
Storage Temperature Range
-65 to +150
°C
PD
Power Dissipation
X1-WLB0909-4
U-WLB0909-4
735
mW
SOT26
606
mW
RθJA
Thermal Resistance, Junction to Ambient (Note 4)
X1-WLB0909-4
U-WLB0909-4
136
°C/W
SOT26
165
°C/W
RθJC
Thermal Resistance, Junction to Case (Note 5)
X1-WLB0909-4
U-WLB0909-4
31
°C/W
SOT26
30
°C/W
Notes:
4. The JEDEC high-K (2s2p) board used to derive this data was a 3 inch
 3 inch, multilayer board with 1oz internal power and ground planes with
2oz copper traces on top and bottom of the board.
5. Thermal resistance from junction to case.
Caution:
Stresses greater than the 'Absolute Maximum Ratings' specified above, can cause permanent damage to the device. These are stress ratings only;
functional operation of the device at these or any other conditions exceeding those indicated in this specification is not implied. Device reliability can be
affected by exposure to absolute maximum rating conditions for extended periods of time.
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Unit
VIN
Input Voltage
1.08
3.6
V
VON
ON Voltage Range
0
3.6
V
VOUT
Output Voltage
0
3.6
V
IOUT
Output Current
0
1.5
A
VIH
ON High-Level Input Voltage
0.9
3.6
V
VIL
ON Low-Level Input Voltage
0
0.38
V
TA
Operating Ambient Temperature
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com