Electronic Components Datasheet Search
  English  ▼

X  

AP7583Q Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP7583Q
Description  WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR WITH PG
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7583Q Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP7583Q Datasheet HTML 9Page - Diodes Incorporated AP7583Q Datasheet HTML 10Page - Diodes Incorporated AP7583Q Datasheet HTML 11Page - Diodes Incorporated AP7583Q Datasheet HTML 12Page - Diodes Incorporated AP7583Q Datasheet HTML 13Page - Diodes Incorporated AP7583Q Datasheet HTML 14Page - Diodes Incorporated AP7583Q Datasheet HTML 15Page - Diodes Incorporated AP7583Q Datasheet HTML 16Page - Diodes Incorporated AP7583Q Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
AP7583Q/AQ
Document number: DS43764 Rev. 1 - 2
13 of 21
www.diodes.com
December 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP7583Q/AQ
Application Information (continued)
The output voltage is calculated by:


2
1
REF
OUT
R
R
1
V
V
Where VREF = 1.2V (the internal reference voltage).
Rearranging the equation will give the following that is used for adjusting the output to a particular voltage:


1
V
V
R2
R1
REF
OUT
To maintain the stability of the internal reference voltage, R2 needs to be kept smaller than 80k
.
No Load Stability
Other than external resistor divider, no minimum load is required to keep the device stable. The device will remain stable and regulated in no load
condition.
ON/OFF Input Operation
The AP7583Q/AQ is turned on by setting the EN pin high, and is turned off by pulling it low. If this feature is not used, the EN pin should be tied to
IN pin to keep the regulator output on at all time. To ensure proper operation, the signal source used to drive the EN pin must be able to swing
above and below the specified turn-on/off voltage thresholds listed in the Electrical Characteristics section under VIL and VIH.
Current Limit Protection
When output current at OUT pin is higher than current-limit threshold, the current-limit protection will be triggered and clamp the output current to
prevent overcurrent and to protect the regulator from damage due to overheating.
Power Good
The power-good (PG) pin is an open-drain output with one internal resistor. When the VOUT ≥ VPGR, the PG output is high-impedance; if the VOUT
drops to below VPGF, or the device is disabled, the PG pin is pulled to low by an internal MOSFET.
Thermal Shutdown Protection
Thermal protection disables the output when the junction temperature rises to approximately +175°C, allowing the device to cool down. When the
junction temperature reduces to approximately +155°C, the output circuitry is enabled again. Depending on power dissipation, thermal resistance,
and ambient temperature, the thermal protection circuit may cycle on and off. This cycling limits the heat dissipation of the regulator, protecting it
from damage due to overheating.
Power Dissipation
The device power dissipation and proper sizing of the thermal plane that is connected to the thermal pad is critical to avoid thermal shutdown and
ensure reliable operation. Power dissipation of the device depends on input voltage and load conditions and can be calculated by:
PD = (VIN - VOUT) × IOUT
The maximum power dissipation, handled by the device, depends on the maximum junction to ambient thermal resistance, maximum ambient
temperature, and maximum device junction temperature, which can be calculated by the equation in the following:
θJA
R
)
A
T
-
C
150
(
)
A
(max@T
P
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com