Electronic Components Datasheet Search
  English  ▼

X  

AP7583Q Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP7583Q
Description  WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR WITH PG
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7583Q Datasheet(HTML) 2 Page - Diodes Incorporated

  AP7583Q Datasheet HTML 1Page - Diodes Incorporated AP7583Q Datasheet HTML 2Page - Diodes Incorporated AP7583Q Datasheet HTML 3Page - Diodes Incorporated AP7583Q Datasheet HTML 4Page - Diodes Incorporated AP7583Q Datasheet HTML 5Page - Diodes Incorporated AP7583Q Datasheet HTML 6Page - Diodes Incorporated AP7583Q Datasheet HTML 7Page - Diodes Incorporated AP7583Q Datasheet HTML 8Page - Diodes Incorporated AP7583Q Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
AP7583Q/AQ
Document number: DS43764 Rev. 1 - 2
2 of 21
www.diodes.com
December 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP7583Q/AQ
Typical Applications Circuit
COUT
AP7583Q Fixed Version
CIN
VIN
GND
EN
VOUT
Enable
VIN
VOUT
AP7583Q
COUT
AP7583AQ Fixed Version
CIN
VIN
GND
EN
VOUT
Enable
VIN
VOUT
AP7583AQ
PG
VPG
CIN
VIN
GND
EN
VOUT
Enable
ADJ
R2
R1
COUT
VIN
VOUT
AP7583Q
AP7583Q Adjustable Output
CIN
VIN
GND
EN
VOUT
Enable
ADJ
R2
R1
COUT
VIN
VOUT
AP7583AQ
AP7583AQ Adjustable Output
PG
VPG
Pin Descriptions
Pin Number
Pin Name
Function
MSOP-8EP
AP7583AQ
W-DFN2020-6
(SWP) (Type A1)
AP7583Q/AQ
TO252-4
(Type C)
AP7583AQ
1
1
1
VIN
Input voltage
2
2
2
EN
Enable input, active high
3
5(Q)
—
NC
Not connected internally. Recommend connection to GND to
maximize PCB copper for thermal dissipation.
7
5(AQ)
4
PG
Power-Good pin with one internal pull high resistor. When the VOUT
is below the PG threshold, the PG pin is driven low; when the VOUT
exceeds the threshold, the PG pin goes into a high-impedance
state.
4, 5
3
3
GND
Ground
6
4
—
FB/NC
Adjustable voltage version only
– a resistor divider from this pin to
the OUT pin and ground sets the output voltage.
8
6
5
VOUT
Regulated output voltage
EP
EP
—
Exposed Pad
In PCB layout, prefer to use large copper area to cover this pad for
better thermal dissipation, then connect this area to GND or leave it
open. However, do not use it as GND electrode function alone.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com