Electronic Components Datasheet Search
  English  ▼

X  

1208052 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1208052
Description  Distributor - FOC-PP-17S12-LCD6-OM1
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1208052 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1208052 Datasheet HTML 1Page - PHOENIX CONTACT 1208052 Datasheet HTML 2Page - PHOENIX CONTACT 1208052 Datasheet HTML 3Page - PHOENIX CONTACT 1208052 Datasheet HTML 4Page - PHOENIX CONTACT 1208052 Datasheet HTML 5Page - PHOENIX CONTACT 1208052 Datasheet HTML 6Page - PHOENIX CONTACT 1208052 Datasheet HTML 7Page - PHOENIX CONTACT 1208052 Datasheet HTML 8Page - PHOENIX CONTACT 1208052 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Number of fibers
12
Fiber
GOF
Fiber type
Multimode fiberglass 62.5/125 µm
Transmission medium
FO
Characteristics
Attenuation
≤ 0.6 dB
Environmental and real-life conditions
Ambient conditions
Degree of protection
IP20
Ambient temperature (operation)
-25 °C ... 70 °C
Ambient temperature (storage/transport)
-40 °C ... 85 °C
Ambient temperature (assembly)
-5 °C ... 55 °C
Mounting
Mounting type
DIN rail mounting
Assembly instructions
Option for flexible replugging of DIN rail adapter
Distributor - FOC-PP-17S12-LCD6-OM1
1208052
https://www.phoenixcontact.com/us/products/1208052
Feb 10, 2023, 7:27 AM
Page 3 (20)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com