Electronic Components Datasheet Search
  English  ▼

X  

1208052 Datasheet(PDF) 9 Page - PHOENIX CONTACT

Part # 1208052
Description  Distributor - FOC-PP-17S12-LCD6-OM1
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1208052 Datasheet(HTML) 9 Page - PHOENIX CONTACT

Back Button 1208052 Datasheet HTML 5Page - PHOENIX CONTACT 1208052 Datasheet HTML 6Page - PHOENIX CONTACT 1208052 Datasheet HTML 7Page - PHOENIX CONTACT 1208052 Datasheet HTML 8Page - PHOENIX CONTACT 1208052 Datasheet HTML 9Page - PHOENIX CONTACT 1208052 Datasheet HTML 10Page - PHOENIX CONTACT 1208052 Datasheet HTML 11Page - PHOENIX CONTACT 1208052 Datasheet HTML 12Page - PHOENIX CONTACT 1208052 Datasheet HTML 13Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Connecting cable
Connecting cable - FOC-17P12-17P12-GL02/40 - 1018529
https://www.phoenixcontact.com/us/products/1018529
M17 MPO series pre-assembled FO plug assembly: 12-pos. plug-plug, multi-
mode fiberglass G62.5/125um OM1, with screw connection, length of FO cable:
40 m, IP67 degree of protection after being inserted, fixed installation in cable
ducts, underground cable ducts and cable protection pipes for indoor/outdoor
use
Connecting cable
Connecting cable - FOC-17P12-17P12-GL02/50 - 1018530
https://www.phoenixcontact.com/us/products/1018530
M17 MPO series pre-assembled FO plug assembly: 12-pos. plug-plug, multi-
mode fiberglass G62.5/125um OM1, with screw connection, length of FO cable:
50 m, IP67 degree of protection after being inserted, fixed installation in cable
ducts, underground cable ducts and cable protection pipes for indoor/outdoor
use
Distributor - FOC-PP-17S12-LCD6-OM1
1208052
https://www.phoenixcontact.com/us/products/1208052
Feb 10, 2023, 7:27 AM
Page 9 (20)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com