Electronic Components Datasheet Search
  English  ▼

X  

74F253 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74F253
Description  Dual 4-bit input multiplexer 3-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F253 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74F253 Datasheet HTML 2Page - NXP Semiconductors 74F253 Datasheet HTML 3Page - NXP Semiconductors 74F253 Datasheet HTML 4Page - NXP Semiconductors 74F253 Datasheet HTML 5Page - NXP Semiconductors 74F253 Datasheet HTML 6Page - NXP Semiconductors 74F253 Datasheet HTML 7Page - NXP Semiconductors 74F253 Datasheet HTML 8Page - NXP Semiconductors 74F253 Datasheet HTML 9Page - NXP Semiconductors 74F253 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Philips Semiconductors
Product specification
74F253
Dual 4-input multiplexer (3-State)
1988 Nov 29
6
AC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST
CONDITION
VCC = +5V
Tamb = +25°C
CL = 50pF
RL = 500Ω
VCC = +5V ± 10%
Tamb = 0°C to +70°C
CL = 50pF
RL = 500Ω
UNIT
MIN
TYP
MAX
MIN
MAX
tPLH
tPHL
Propagation delay
In to Yn
Waveform NO TAG
3.0
3.0
4.5
5.0
7.0
7.0
3.0
3.0
7.5
8.0
ns
tPLH
tPHL
Propagation delay
Sn to Yn
Waveform NO TAG
4.5
5.0
7.5
8.5
10.5
11.0
4.5
4.5
11.0
12.0
ns
tPZH
tPZL
Output Enable time to
High or Low level
Waveform 2
Waveform 3
3.0
3.0
6.5
6.5
8.0
8.0
3.0
3.0
9.0
9.0
ns
tPHZ
tPLZ
Output Disable time
from High or Low level
Waveform 2
Waveform 3
2.5
2.0
3.5
3.0
5.0
5.0
2.0
1.5
6.0
6.0
ns
AC WAVEFORMS
For all waveforms, VM = 1.5V
VM
VM
VM
VM
Yn
In, Sn
tPLH
tPHL
SF00802
Waveform 1. Propagation Deley, Data and Select to Output
VM
VM
VM
tPHZ
tPZH
VOH –0.3V
OEn
SF00804
0V
Yn
Waveform 2.
3-State Output Enable Time to High Level and
Output Disable Time from High Level
VM
VM
VM
tPLZ
tPZL
VOL +0.3V
OEn
Yn
SF00803
Waveform 3.
3-State Output Enable Time to Low Level and
Output Disable Time from Low Level



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com