Electronic Components Datasheet Search
  English  ▼

X  

LM2830XMFX Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2830XMFX
Description  High Frequency 1.0A Load - Step-Down DC-DC Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2830XMFX Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM2830XMFX Datasheet HTML 12Page - National Semiconductor (TI) LM2830XMFX Datasheet HTML 13Page - National Semiconductor (TI) LM2830XMFX Datasheet HTML 14Page - National Semiconductor (TI) LM2830XMFX Datasheet HTML 15Page - National Semiconductor (TI) LM2830XMFX Datasheet HTML 16Page - National Semiconductor (TI) LM2830XMFX Datasheet HTML 17Page - National Semiconductor (TI) LM2830XMFX Datasheet HTML 18Page - National Semiconductor (TI) LM2830XMFX Datasheet HTML 19Page - National Semiconductor (TI) LM2830XMFX Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LM2830X Design Example 1
Bill of Materials
Part ID
Part Value
Manufacturer
Part Number
U1
1.0A Buck Regulator
NSC
LM2830X
C1, Input Cap
22µF, 6.3V, X5R
TDK
C3216X5ROJ226M
C2, Output Cap
22µF, 6.3V, X5R
TDK
C3216X5ROJ226M
D1, Catch Diode
0.3V
f Schottky 1.5A, 30VR
TOSHIBA
CRS08
L1
3.3µH, 1.3A
Coilcraft
ME3220-332
R2
15.0k
Ω, 1%
Vishay
CRCW08051502F
R1
15.0k
Ω, 1%
Vishay
CRCW08051502F
R3
100k
Ω, 1%
Vishay
CRCW08051003F
20197407
FIGURE 6. LM2830X (1.6MHz): Vin = 5V, Vo = 1.2V @ 1.0A
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com