Electronic Components Datasheet Search
  English  ▼

X  

LM2830XMFX Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2830XMFX
Description  High Frequency 1.0A Load - Step-Down DC-DC Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2830XMFX Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button LM2830XMFX Datasheet HTML 16Page - National Semiconductor (TI) LM2830XMFX Datasheet HTML 17Page - National Semiconductor (TI) LM2830XMFX Datasheet HTML 18Page - National Semiconductor (TI) LM2830XMFX Datasheet HTML 19Page - National Semiconductor (TI) LM2830XMFX Datasheet HTML 20Page - National Semiconductor (TI) LM2830XMFX Datasheet HTML 21Page - National Semiconductor (TI) LM2830XMFX Datasheet HTML 22Page - National Semiconductor (TI) LM2830XMFX Datasheet HTML 23Page - National Semiconductor (TI) LM2830XMFX Datasheet HTML 24Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
LM2830X Buck Converter & Voltage Double Circuit with LDO Follower
Design Example 7
Bill of Materials
Part ID
Part Value
Manufacturer
Part Number
U1
1.0A Buck Regulator
NSC
LM2830X
U2
200mA LDO
NSC
LP2986-5.0
C1, Input Cap
22µF, 6.3V, X5R
TDK
C3216X5ROJ226M
C2, Output Cap
22µF, 6.3V, X5R
TDK
C3216X5ROJ226M
C3 – C6
2.2µF, 6.3V, X5R
TDK
C1608X5R0J225M
D1, Catch Diode
0.3V
f Schottky 1.5A, 30VR
TOSHIBA
CRS08
D2
0.4V
f Schottky 20VR, 500mA
ON Semi
MBR0520
L2
10µH, 800mA
CoilCraft
ME3220-103
L1
3.3µH, 2.2A
TDK
VLCF5020T-3R3N2R0-1
R2
45.3k
Ω, 1%
Vishay
CRCW08054532F
R1
10.0k
Ω, 1%
Vishay
CRCW08051002F
20197463
FIGURE 12. LM2830X (1.6MHz): Vin = 5V, Vo = 3.3V @ 1.0A & LP2986-5.0 @ 150mA
www.national.com
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com