Electronic Components Datasheet Search
  English  ▼

X  

74F269 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74F269
Description  8-bit bidirectional binary counter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F269 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74F269 Datasheet HTML 4Page - NXP Semiconductors 74F269 Datasheet HTML 5Page - NXP Semiconductors 74F269 Datasheet HTML 6Page - NXP Semiconductors 74F269 Datasheet HTML 7Page - NXP Semiconductors 74F269 Datasheet HTML 8Page - NXP Semiconductors 74F269 Datasheet HTML 9Page - NXP Semiconductors 74F269 Datasheet HTML 10Page - NXP Semiconductors 74F269 Datasheet HTML 11Page - NXP Semiconductors 74F269 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Philips Semiconductors
Product specification
74F269
8–bit bidirectional binary counter
1996 Jan 05
8
AC WAVEFORMS
For all waveforms, VM = 1.5V.
The shaded areas indicate when the input is permitted to change for predictable output performance.
tPHL
VM
tPHL
VM
VM
VM
1/fMAX
tW(L)
CP
Qn
tW(H)
VM
VM
tPLH
tPLH
VM
TC
SF00791A
Waveform 1. Propagation Delay, Clock Input to Output,
Clock Pulse Width, and Maximum Clock Frequency
VM
VM
VM
VM
tPLH
tPHL
CET
TC
SF00792
Waveform 2. Propagation Delay,
CET Input to Terminal Count Output
VM
VM
VM
tPLH
tPHL
VM
U/D
TC
SF00793
Waveform 3. Propagation Delay, Up/Down Count Control Input
to Terminal Count Output
CP
VM
VM
VM
VM
VM
VM
ts
ts(L)
ts(H)
th = 0
th = 0
Pn
PE
SF00844
VM
VM
th
Waveform 4. Parallel Data and Parallel Enable
Setup and Hold Times
CP
Qn
VM
VM
VM
VM
th(L)
th(H)
CET
CEP
ts(H)
ts(L)
COUNT
NO CHANGE
SF00842
VM
VM
Waveform 5. Count Enables Setup and Hold Times
CP
VM
VM
VM
VM
ts(H)
th
th
ts(L)
COUNT UP
COUNT DOWN
U/D
Qn
SF00839
VM
VM
Waveform 6. Up/Down Count Control Setup and Hold Times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com