Electronic Components Datasheet Search
  English  ▼

X  

74F269 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74F269
Description  8-bit bidirectional binary counter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F269 Datasheet(HTML) 2 Page - NXP Semiconductors

  74F269 Datasheet HTML 1Page - NXP Semiconductors 74F269 Datasheet HTML 2Page - NXP Semiconductors 74F269 Datasheet HTML 3Page - NXP Semiconductors 74F269 Datasheet HTML 4Page - NXP Semiconductors 74F269 Datasheet HTML 5Page - NXP Semiconductors 74F269 Datasheet HTML 6Page - NXP Semiconductors 74F269 Datasheet HTML 7Page - NXP Semiconductors 74F269 Datasheet HTML 8Page - NXP Semiconductors 74F269 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Philips Semiconductors
Product specification
74F269
8–bit bidirectional binary counter
2
1996 Jan 05
853–0056 16186
FEATURES
• Synchronous counting and loading
• Built-in look-ahead carry capability
• Count frequency 115MHz typ
• Supply current 95mA typ
DESCRIPTION
The 74F269 is a fully synchronous 8-stage Up/Down Counter
featuring a preset capability for programmable operation, carry
look-ahead for easy cascading and a U/D input to control the
direction of counting. All state changes, whether in counting or
parallel loading, are initiated by the rising edge of the clock.
TYPE
TYPICAL fMAX
TYPICAL
SUPPLY CURRENT
(TOTAL)
74F269
115MHz
95mA
PIN CONFIGURATION
24
23
22
21
20
19
18
17
16
15
14
13
12
10
11
9
8
7
6
5
4
3
2
1
U/D
CEP
CET
TC
PE
P0
P1
P2
P3
VCC
P4
P5
P6
P7
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
CP
GND
SF00834
ORDERING INFORMATION
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%, Tamb = 0°C to +70°C
PKG DWG #
24-Pin Plastic Slim DIP (300mil)
N74F269N
SOT222-1
24-Pin Plastic SOL
N74F269D
SOT137-1
24-Pin Plastic SSOP type II
N74F269DB
SOT340-1
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74F(U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
P0 - P7
Parallel Data inputs
1.0/1.0
20
µA/0.6mA
PE
Parallel Enable input (active Low)
1.0/1.0
20
µA/0.6mA
U/D
Up/Down count control input
1.0/1.0
20
µA/0.6mA
CEP
Count Enable Parallel input (active Low)
1.0/1.0
20
µA/0.6mA
CET
Count Enable Trickle input (active Low)
1.0/1.0
20
µA/0.6mA
CP
Clock input
1.0/1.0
20
µA/0.6mA
TC
Terminal Count output (active Low)
50/33
1.0mA/20mA
Q0 - Q7
Flip-flop outputs
50/33
1.0mA/20mA
NOTE:
One (1.0) FAST Unit Load is defined as: 20
µA in the High state and 0.6mA in the Low state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com