Electronic Components Datasheet Search
  English  ▼

X  

SP2525A Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP2525A
Description  USB High-Side Power Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP2525A Datasheet(HTML) 6 Page - Sipex Corporation

  SP2525A Datasheet HTML 1Page - Sipex Corporation SP2525A Datasheet HTML 2Page - Sipex Corporation SP2525A Datasheet HTML 3Page - Sipex Corporation SP2525A Datasheet HTML 4Page - Sipex Corporation SP2525A Datasheet HTML 5Page - Sipex Corporation SP2525A Datasheet HTML 6Page - Sipex Corporation SP2525A Datasheet HTML 7Page - Sipex Corporation SP2525A Datasheet HTML 8Page - Sipex Corporation SP2525A Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
Date: 5/3/06 Rev I
SP2525A USB High-Side Power Switch
© Copyright 2006 Sipex Corporation
Output Rise Time vs. Temperature
Output Fall Time vs. Temperature
0.38
0.40
0.42
0.44
0.46
0.48
0.50
0.52
0.54
-40
-20
0
20
40
60
80
100
120
Temperature (°C)
Output Rise Time vs. Temperature
1.05
1.10
1.15
1.20
1.25
1.30
1.35
1.40
-40
-20
0
20
40
60
80
100
120
Temperature (°C)
Output Fall Time vs. Temperature
TYPICAL PERFORMANCE CHARACTERISTICS
V
IN = +5.0V,
T
AMB = +25
OC unless otherwise noted.
Control Threshold vs. Supply Voltage
CTL Threshold Voltage vs. Supply Voltage
0.80
1.00
1.20
1.40
1.60
1.80
2.00
2.20
2.40
2.60
2.80
23
4567
Supply Voltage (V)
CTL Rising
CTL Falling
Current Limit Threshold vs. Temperature
Current Limit Threshold vs. Temperature
0.75
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
VIN
VFLG
VOUT
IOUT
200mA/div
VEN=GND
RL=35Ω
CL=15uF
Input Voltage
Response
VEN
VFLG
VOUT
IOUT
100mA/div
RL=35Ω
CL=15uF
Turn-On, Turn-Off
Characteristics



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com