Electronic Components Datasheet Search
  English  ▼

X  

SSM2302 Datasheet(PDF) 6 Page - Analog Devices

Part # SSM2302
Description  Filterless High Efficiency Class-D Stereo Audio Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2302 Datasheet(HTML) 6 Page - Analog Devices

Back Button SSM2302 Datasheet HTML 2Page - Analog Devices SSM2302 Datasheet HTML 3Page - Analog Devices SSM2302 Datasheet HTML 4Page - Analog Devices SSM2302 Datasheet HTML 5Page - Analog Devices SSM2302 Datasheet HTML 6Page - Analog Devices SSM2302 Datasheet HTML 7Page - Analog Devices SSM2302 Datasheet HTML 8Page - Analog Devices SSM2302 Datasheet HTML 9Page - Analog Devices SSM2302 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
SSM2302
Rev. 0 | Page 6 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
100
0.01
0.000001
0.0001
0.00001
10
OUTPUT POWER (W)
10
1
0.1
0.001
0.01
0.1
1
RL = 8Ω, 33µH
GAIN = 12dB
VDD = 2.5V
VDD = 3.6V
VDD = 5V
Figure 3. THD + N vs. Output Power into 8 Ω, AV = 12 dB
100
0.01
0.0000001
0.000001
0.0001
0.00001
10
OUTPUT POWER (W)
10
1
0.1
0.001
0.01
0.1
1
RL = 8Ω, 33µH
GAIN = 6dB
VDD = 2.5V
VDD = 3.6V
VDD = 5V
Figure 4. THD + N vs. Output Power into 8 Ω, AV = 6 dB
100
0.0001
10
100k
FREQUENCY (Hz)
VDD = 5V
RL = 8Ω, 33µH
0.5W
0.25W
1W
10
1
0.1
0.01
0.001
100
1k
10k
Figure 5. THD + N vs. Frequency, VDD = 5.0 V
100
0.0001
10
100k
FREQUENCY (Hz)
VDD = 3.6V
RL = 8Ω, 33µH
250mW
125mW
500mW
10
1
0.1
0.01
0.001
100
1k
10k
Figure 6. THD + N vs. Frequency, VDD = 3.6 V
100
0.0001
10
100k
FREQUENCY (Hz)
VDD = 2.5V
RL = 8Ω, 33µH
125mW
75mW
250mW
10
1
0.1
0.01
0.001
100
1k
10k
Figure 7. THD + N vs. Frequency, VDD = 2.5 V
9
0
2.5
5.5
SUPPLY VOLTAGE (V)
8
7
6
5
4
3
2
1
3.0
3.5
4.0
4.5
5.0
Figure 8. Supply Current vs. Supply Voltage, No Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com