Electronic Components Datasheet Search
  English  ▼

X  

SSM2302 Datasheet(PDF) 14 Page - Analog Devices

Part # SSM2302
Description  Filterless High Efficiency Class-D Stereo Audio Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2302 Datasheet(HTML) 14 Page - Analog Devices

Back Button SSM2302 Datasheet HTML 10Page - Analog Devices SSM2302 Datasheet HTML 11Page - Analog Devices SSM2302 Datasheet HTML 12Page - Analog Devices SSM2302 Datasheet HTML 13Page - Analog Devices SSM2302 Datasheet HTML 14Page - Analog Devices SSM2302 Datasheet HTML 15Page - Analog Devices SSM2302 Datasheet HTML 16Page - Analog Devices SSM2302 Datasheet HTML 17Page - Analog Devices SSM2302 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
SSM2302
Rev. 0 | Page 14 of 20
EVALUATION BOARD INFORMATION
INTRODUCTION
The SSM2302 audio power amplifier is a complete low power,
Class-D, stereo audio amplifier capable of delivering 1.4 W/channel
into 8 Ω load. In addition to the minimal parts required for the
application circuit, measurement filters are provided on the
evaluation board so that conventional audio measurements can
be made without additional components.
This section provides an overview of Analog Devices SSM2302
evaluation board. It includes a brief description of the board as
well as a list of the board specifications.
Table 5. SSM2302 Evaluation Board Specifications
Parameter
Specification
Supply Voltage Range, VDD
2.5 V to 5.0 V
Power Supply Current Rating
1.5 A
Continuous Output Power, PO
(RL = 8 Ω, f = 1 kHz, 22 kHz BW)
1.4 W
Minimum Load Impedance
8 Ω
OPERATION
Use the following steps when operating the SSM2302
evaluation board.
Power and Ground
1.
Set the power supply voltage between 2.5 V and 5.0 V. When
connecting the power supply to the SSM2302 evaluation
board, make sure to attach the ground connection to the
GND header pin first and then connect the positive supply
to the VDD header pin.
Inputs and Outputs
1.
Ensure that the audio source is set to the minimum level.
2.
Connect the audio source to Inputs INL± and INR±.
3.
Connect the speakers to Outputs OUTL± and OUTR±.
Gain Control
The gain select header controls the gain setting of the SSM2302.
1.
Select jumper to LG for 6 dB gain.
2.
Select jumper to HG for 12 dB gain.
External Gain Settings
It is possible to adjust the SSM2302 gain using external resistors
at the input. To set a gain lower than 12 dB refer to Figure 22
and Figure 23 on the product data sheet for proper circuit con-
figuration. For external gain configuration from a fixed 12 dB
gain, use the following formula:
External Gain Settings = 20 log[4/(1 + R/150 kΩ)]
To set a gain lower than 6 dB refer to Figure 24 and Figure 25
on the product data sheet for proper circuit configuration. For
external gain configuration from a fixed 6 dB gain, use the
following formula:
External Gain Settings = 20 log[2/(1 + R/150 kΩ)]
Shutdown Control
The shutdown select header controls the shutdown function of
the SSM2302. The shutdown pin on the SSM2302 is active low,
meaning that a low voltage (GND) on this pin places the SSM2302
into shutdown mode.
1.
Select jumper to 1-2 position. Shutdown pulled to VDD.
2.
Select jumper to 2-3 position. Shutdown pulled to GND.
Input Configurations
1.
For differential input configuration with input capacitors
do not place a jumper on JP8, JP9, JP10, and JP11.
2.
For differential input configuration without input capacitors
place a jumper on JP8, JP9, JP10, and JP11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com