Electronic Components Datasheet Search
  English  ▼

X  

LM2832XSD Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2832XSD
Description  High Frequency 2.0A Load - Step-Down DC-DC Regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2832XSD Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM2832XSD Datasheet HTML 17Page - National Semiconductor (TI) LM2832XSD Datasheet HTML 18Page - National Semiconductor (TI) LM2832XSD Datasheet HTML 19Page - National Semiconductor (TI) LM2832XSD Datasheet HTML 20Page - National Semiconductor (TI) LM2832XSD Datasheet HTML 21Page - National Semiconductor (TI) LM2832XSD Datasheet HTML 22Page - National Semiconductor (TI) LM2832XSD Datasheet HTML 23Page - National Semiconductor (TI) LM2832XSD Datasheet HTML 24Page - National Semiconductor (TI) LM2832XSD Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
LM2832Y Design Example 5
Bill of Materials
Part ID
Part Value
Manufacturer
Part Number
U1
1.5A Buck Regulator
NSC
LM2832Y
C1, Input Cap
22µF, 6.3V, X5R
TDK
C3216X5ROJ226M
C2, Output Cap
2x22µF, 6.3V, X5R
TDK
C3216X5ROJ226M
D1, Catch Diode
0.3V
f Schottky 1.5A, 30VR
TOSHIBA
CRS08
L1
6.8µH 1.8A
TDK
SLF7045T-6R8M1R7
R1
10.0k
Ω, 1%
Vishay
CRCW08051002F
R2
10.0k
Ω, 1%
Vishay
CRCW08051002F
20197507
FIGURE 10. LM2832Y (550kHz): Vin = 5V, Vout = 1.2V @ 2.0A
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com