Electronic Components Datasheet Search
  English  ▼

X  

LM2832XSD Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2832XSD
Description  High Frequency 2.0A Load - Step-Down DC-DC Regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2832XSD Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM2832XSD Datasheet HTML 10Page - National Semiconductor (TI) LM2832XSD Datasheet HTML 11Page - National Semiconductor (TI) LM2832XSD Datasheet HTML 12Page - National Semiconductor (TI) LM2832XSD Datasheet HTML 13Page - National Semiconductor (TI) LM2832XSD Datasheet HTML 14Page - National Semiconductor (TI) LM2832XSD Datasheet HTML 15Page - National Semiconductor (TI) LM2832XSD Datasheet HTML 16Page - National Semiconductor (TI) LM2832XSD Datasheet HTML 17Page - National Semiconductor (TI) LM2832XSD Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
Calculating Efficiency, and
Junction Temperature
The complete LM2832 DC/DC converter efficiency can be
calculated in the following manner.
Or
Calculations for determining the most significant power
losses are shown below. Other losses totaling less than 2%
are not discussed.
Power loss (P
LOSS) is the sum of two basic types of losses in
the converter: switching and conduction. Conduction losses
usually dominate at higher output loads, whereas switching
losses remain relatively fixed and dominate at lower output
loads. The first step in determining the losses is to calculate
the duty cycle (D):
V
SW is the voltage drop across the internal PFET when it is
on, and is equal to:
V
SW =IOUT xRDSON
V
D is the forward voltage drop across the Schottky catch
diode. It can be obtained from the diode manufactures Elec-
trical Characteristics section. If the voltage drop across the
inductor (V
DCR) is accounted for, the equation becomes:
The conduction losses in the free-wheeling Schottky diode
are calculated as follows:
P
DIODE =VD xIOUT x (1-D)
Often this is the single most significant power loss in the
circuit. Care should be taken to choose a Schottky diode that
has a low forward voltage drop.
Another significant external power loss is the conduction
loss in the output inductor. The equation can be simplified to:
P
IND =IOUT
2 xR
DCR
The LM2832 conduction loss is mainly associated with the
internal PFET:
If the inductor ripple current is fairly small, the conduction
losses can be simplified to:
P
COND =IOUT
2 xR
DSON xD
Switching losses are also associated with the internal PFET.
They occur during the switch on and off transition periods,
where voltages and currents overlap resulting in power loss.
The simplest means to determine this loss is to empirically
measuring the rise and fall times (10% to 90%) of the switch
at the switch node.
Switching Power Loss is calculated as follows:
P
SWR = 1/2(VIN xIOUT xFSW xTRISE)
P
SWF = 1/2(VIN xIOUT xFSW xTFALL)
P
SW =PSWR +PSWF
Another loss is the power required for operation of the inter-
nal circuitry:
P
Q =IQ xVIN
I
Q is the quiescent operating current, and is typically around
2.5mA for the 0.55MHz frequency option.
Typical Application power losses are:
Power Loss Tabulation
V
IN
5.0V
V
OUT
3.3V
P
OUT
5.78W
I
OUT
1.75A
V
D
0.45V
P
DIODE
262mW
F
SW
550kHz
I
Q
2.5mA
P
Q
12.5mW
T
RISE
4nS
P
SWR
10mW
T
FALL
4nS
P
SWF
10mW
R
DS(ON)
150m
Ω
P
COND
306mW
IND
DCR
50m
Ω
P
IND
153mW
D
0.667
P
LOSS
753mW
η
88%
P
INTERNAL
339mW
ΣP
COND +PSW +PDIODE +PIND +PQ =PLOSS
ΣP
COND +PSWF +PSWR +PQ =PINTERNAL
P
INTERNAL = 339mW
Thermal Definitions
T
J = Chip junction temperature
T
A = Ambient temperature
RθJC = Thermal resistance from chip junction to device case
RθJA = Thermal resistance from chip junction to ambient air
Heat in the LM2832 due to internal power dissipation is
removed through conduction and/or convection.
Conduction: Heat transfer occurs through cross sectional
areas of material. Depending on the material, the transfer of
heat can be considered to have poor to good thermal con-
ductivity properties (insulator vs. conductor).
Heat Transfer goes as:
Silicon
→ package → lead frame → PCB
Convection: Heat transfer is by means of airflow. This could
be from a fan or natural convection. Natural convection
occurs when air currents rise from the hot device to cooler
air.
Thermal impedance is defined as:
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com