Electronic Components Datasheet Search
  English  ▼

X  

AD6472 Datasheet(PDF) 7 Page - Analog Devices

Part # AD6472
Description  2 Pair/1 Pair ETSI Compatible HDSL Analog Front End
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6472 Datasheet(HTML) 7 Page - Analog Devices

  AD6472 Datasheet HTML 1Page - Analog Devices AD6472 Datasheet HTML 2Page - Analog Devices AD6472 Datasheet HTML 3Page - Analog Devices AD6472 Datasheet HTML 4Page - Analog Devices AD6472 Datasheet HTML 5Page - Analog Devices AD6472 Datasheet HTML 6Page - Analog Devices AD6472 Datasheet HTML 7Page - Analog Devices AD6472 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AD6472
–7–
REV. 0
Table VI. 40% to 60% Duty Cycle RXCLK Clock
when the RXCLK = 1160 kHz
Symbol
Parameter
Min
Typ
Max
Units
tC
Clock Period
862
ns
tCH
Clock Pulsewidth High
342
514
ns
tCL
Clock Pulsewidth Low
514
342
ns
tOD
Output Delay
8
13
19
ns
Latency
Pipeline Delay
3
3
3
Cycles
Table VII. 40% to 60% Duty Cycle RXCLK when the
RXCLK = 1160
2 kHz
Symbol
Parameter
Min
Typ
Max
Units
tC
Clock Period
431
ns
tCH
Clock Pulsewidth High
171
257
ns
tCL
Clock Pulsewidth Low
257
171
ns
tOD
Output Delay
8
13
19
ns
Latency
Pipeline Delay
3
3
3
Cycles
Receive Interface Timing
The analog input is sampled at the rising edge of the RXCLK.
The digital data, RX11:RX0, is valid on each falling edge of
RXCLK. Figure 4 shows a three-cycle latency on the receive
data.
Table V through Table VII lists the RXCLK clock switching
specifications for various RXCLK conditions. See Table IV,
Configuration Control.
Table V. 40% to 60% Duty Cycle when the RXCLK
= 1168
÷ 2 kHz
Symbol
Parameter
Min
Typ
Max
Units
tC
Clock Period
1712
ns
tCH
Clock Pulsewidth High
685
1027
ns
tCL
Clock Pulsewidth Low
1027
685
ns
tOD
Output Delay
8
13
19
ns
Latency
Pipeline Delay
3
3
3
Cycles
tC
tCL
tCH
tOD
DATA1
S4
S3
S2
S1
ANALOG
INPUT
INPUT
CLOCK
RXCLK
OUTPUT
DATA
RX11:RX0
Figure 4. Receive Interface Timing Diagram
tH
10ns
2
TX_CLK
TX_SYNC
TX_DATA
D11
MSB
D10
D9
D8
D7
D5
D6
D4
D3
D2
D1
D0
X
X
X
X
D11
MSB
D10
D9
1. THE RISING EDGE TO TX_SYNC CAN OCCUR ANYWHERE. TX_SYNC MUST BE AT LEAST ONE CLOCK CYCLE WIDE.
2. TX_SYNC FALLING EDGE MUST OCCUR AFTER THE TX_CLK RISING EDGE THAT CAPTURED THE SERIAL LSB.
THIS ENSURES CORRECT LOADING INTO THE DAC.
FULL SCALE
1/2 FULL SCALE
1/2 FULL SCALE
OUTPUT
MINUS 1LSB
ZERO
011111111111
000000000000
111111111111
WORD
100000000000
1
THE FIRST 12 BITS OF THE 16-BIT SERIAL WORD ARE THE INPUT TO THE TX PATH DAC, MSB FIRST. THE NUMBER
SYSTEM IS TWOS COMPLEMENT, AS FOLLOWS:
tSU
12ns
Figure 5. Transmit Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com