Electronic Components Datasheet Search
  English  ▼

X  

AND8130 Datasheet(PDF) 2 Page - ON Semiconductor

Part # AND8130
Description  Analog Switch Allows USB Switching at Low Voltages
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AND8130 Datasheet(HTML) 2 Page - ON Semiconductor

  AND8130 Datasheet HTML 1Page - ON Semiconductor AND8130 Datasheet HTML 2Page - ON Semiconductor AND8130 Datasheet HTML 3Page - ON Semiconductor AND8130 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AND8130/D
http://onsemi.com
2
If fewer pins are brought out on the cell phone in, the size
of the connector can be made smaller. In order to minimize
the number of pins and reduce size and cost, it behooves the
manufacturer to employ some form of multiplexing or
sharing of pins on the connector. Pins must be capable of
bilateral transmission of either analog of digital signals.
Figure 1. USB − Type “A”
USB − Type “B”
Figure 2. Example of a Dongle
The semiconductor industry has been serving the need for
bilateral switching for years with standard analog switches.
Available analog switches can pass either digital or analog
signals in two directions. More recently, analog switches
have been fabricated in sub−micron silicon gate CMOS and
exhibit resistance in 5−20
Ω range, and can pass signals 50
MHz or more. With RON values this low, an analog switch
could be used to provide USB switching. Also, the
frequency response of the switch should not affect overall
performance of the USB transceiver. Several standard
switches now available can meet the frequency and RON
requirements. One additional requirement to meet USB
safety specifications, states that the analog switch must be
capable of a voltage “fault” of 5.25 Volts for 24 hours. One
way to solve this requirement is simply to operate the switch
at a Vcc of 5.0 V, nominal. While this would work, it places
a cost and component burden on the system. The need for 5.0
V in a product like a cell phone is rare today. If not otherwise,
needed it would place a demand for a regulator and
additional voltage from the dc/dc converter on board.
Camera enabled cell phones have very limited space, so the
5.0 V option is not very desirable. In order to save space and
component cost and minimize the number of power
supplies. The analog switch would need to operate from a
supply voltage of approximately 2.7 V and be able to accept
a 5.25 V fault. If the designer could find a switch that could
accept 5.25 V, while operating from 2.7 V, then the 5.0 V
power supply could disappear. Ordinary analog switches
have diodes connected to the both the supply pin and ground
pin, to protect the device against Electrostatic Discharge
(ESD). If the switch were to be operated at 2.7 V and either
USB data line had 5.25 V fault, the input diode connected to
Vcc would be destroyed. This could cause damage, and
could not be tolerated. A new device, the NLAS2066 dual
analog switch has been introduced from ON Semiconductor,
which permits operation at 2.7 V, while its inputs are permit
to be subject to as much as 5.5 V, regardless of the operating
voltage. This switch has an RON resistance low enough to
permit use with USB 2.0 Full Speed specification.
Vcc
I/O
I/O
CTRL
Standard
Analog Switch
Figure 3.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com