Electronic Components Datasheet Search
  English  ▼

X  

AND8130 Datasheet(PDF) 3 Page - ON Semiconductor

Part # AND8130
Description  Analog Switch Allows USB Switching at Low Voltages
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AND8130 Datasheet(HTML) 3 Page - ON Semiconductor

  AND8130 Datasheet HTML 1Page - ON Semiconductor AND8130 Datasheet HTML 2Page - ON Semiconductor AND8130 Datasheet HTML 3Page - ON Semiconductor AND8130 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AND8130/D
http://onsemi.com
3
CTRL
Shared Pins
USB
Transceiver
USB
Filter
5
3
2
1
Vcc
NLAS2066
Figure 4.
One side of the switch is protected against high voltage.
It is therefore possible to use this switch to disconnect the
USB input from the pins. Since the Analog Switch provides
a high impedance state, it is not necessary to do anything but
open the USB input filter to the pins. The application
drawing shows the implementation. The shared pins may be
hooked to any high impedance device. This device should
also be capable of withstanding 5.25 V.
CONCLUSION
The NLAS2066 is a tiny 8 pin device occupying only 6
mm2 of board space that permits a designer to reduce the
number of pins that go to the outside world connector. The
diagram shows how to connect the NLAS2066 to permit
shared pins. By reducing the number of pins, the designer
can save both space and cost.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com