Electronic Components Datasheet Search
  English  ▼

X  

COP224C Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP224C
Description  Single-Chip 1k and 2k CMOS Microcontrollers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP224C Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button COP224C Datasheet HTML 13Page - National Semiconductor (TI) COP224C Datasheet HTML 14Page - National Semiconductor (TI) COP224C Datasheet HTML 15Page - National Semiconductor (TI) COP224C Datasheet HTML 16Page - National Semiconductor (TI) COP224C Datasheet HTML 17Page - National Semiconductor (TI) COP224C Datasheet HTML 18Page - National Semiconductor (TI) COP224C Datasheet HTML 19Page - National Semiconductor (TI) COP224C Datasheet HTML 20Page - National Semiconductor (TI) COP224C Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Power Dissipation (Continued)
Minimum Sink Current
(Except CKO)
Minimum Source Current
(Except CKO)
Maximum Quiescent Current
TLDD8422 – 12
FIGURE 9 InputOutput Characteristics
Option List
The
COP244C245C224C225CCOP226C
mask-pro-
grammable options are assigned numbers which corre-
spond with the COP244C224C pins
The following is a list of options The options are pro-
grammed at the same time as the ROM pattern to provide
the user with the hardware flexibility to interface to various
IO components using little or no external circuitry
Caution
The output options available on the COP224C225C226C
and COP244C245C are not the same as those available
on the COP324C325C326C COP344C345C COP424C
425C426C and COP444C445C Options not available on
the COP224C225C226C and COP244C245C are Option
2 value 2 Option 4 value 0 Option 5 value 1 Option 9 value
0 Option 17 value 1 Option 30 Dual Clock all values Op-
tion 32 Microbus all values Option 33 values 2 4 and 6
Option 34 all values and Option 35 all values
PLEASE FILL OUT THE OPTION TABLE on the next page
Photocopy the option data and send it in with your disk or
EPROM
Option 1e0 Ground Pin
no options available
Option 2 CKO Pin
e
0 clock generator output to crystalresonator
e
1 HALT IO port
e
3 general purpose input high-Z
Option 3 CKI input
e
0 Crystal controlled oscillator input divide by 4
e
1 Crystal controlled oscillator input divide by 8
e
2 Crystal controlled oscillator input divide by 16
e
4 Single-pin RC controlled oscillator (divide by 4)
e
5 External oscillator input divide by 4
e
6 External oscillator input divide by 8
e
7 External oscillator input divide by 16
Option 4 RESET input
e
1 Hi-Z input
Option 5 L7 Driver
e
0 Standard TRI-STATE push-pull output
e
2 Open-drain TRI-STATE output
Option 6 L6 Driver
(same as option 5)
Option 7 L5 Driver
(same as option 5)
Option 8 L4 Driver
(same as option 5)
Option 9 IN1 input
e
1 Hi-Z input mandatory for 28 Pin Package
e
2 Mandatory for 20 and 24 Pin Packages
Option 10 IN2 input
(same as option 9)
Option 11e0 VCC Pin
no option available
Option 12 L3 Driver
(same as option 5)
Option 13 L2 Driver
(same as option 5)
Option 14 L1 Driver
(same as option 5)
Option 15 L0 Driver
(same as option 5)
Option 16 SI input
(same as option 4)
Option 17 SO Driver
e
0 Standard push-pull output
e
2 Open-drain output
Option 18 SK Driver
(same as option 17)
Option 19 IN0 Input
(same as option 9)
Option 20 IN3 Input
(same as option 9)
Option 21 G0 IO Port
(same as option 17)
Option 22 G1 IO Port
(same as option 17)
Option 23 G2 IO Port
(same as option 17)
Option 24 G3 IO Port
(same as option 17)
Option 25 D3 Output
(same as option 17)
Option 26 D2 Output
(same as option 17)
Option 27 D1 Output
(same as option 17)
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com