Electronic Components Datasheet Search
  English  ▼

X  

COP224C Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP224C
Description  Single-Chip 1k and 2k CMOS Microcontrollers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP224C Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button COP224C Datasheet HTML 4Page - National Semiconductor (TI) COP224C Datasheet HTML 5Page - National Semiconductor (TI) COP224C Datasheet HTML 6Page - National Semiconductor (TI) COP224C Datasheet HTML 7Page - National Semiconductor (TI) COP224C Datasheet HTML 8Page - National Semiconductor (TI) COP224C Datasheet HTML 9Page - National Semiconductor (TI) COP224C Datasheet HTML 10Page - National Semiconductor (TI) COP224C Datasheet HTML 11Page - National Semiconductor (TI) COP224C Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Functional Description (Continued)
4 All successive transfer of control instructions and suc-
cessive LBIs have been completed (eg if the main
program is executing a JP instruction which transfers
program control to another JP instruction the interrupt
will not be acknowledged until the second JP instruc-
tion has been executed)
c Upon acknowledgement of an interrupt the skip logic
status is saved and later restored upon popping of the
stack For example if an interrupt occurs during the exe-
cution of ASC (Add with Carry Skip on Carry) instruction
which results in carry the skip logic status is saved and
program control is transferred to the interrupt servicing
routine at hex address 0FF At the end of the interrupt
routine a RET instruction is executed to pop the stack
and return program control to the instruction following the
original ASC At this time the skip logic is enabled and
skips this instruction because of the previous ASC carry
Subroutines should not be nested within the interrupt
service routine since their popping of the stack will en-
able any previously saved main program skips interfering
with the orderly execution of the interrupt routine
d The instruction at hex address 0FF must be a NOP
e An LEI instruction may be put immediately before the
RET instruction to re-enable interrupts
INITIALIZATION
The internal reset logic will initialize the device upon power-
up if the power supply rise time is less than 1 ms and if the
operating frequency at CKI is greater than 32 kHz other-
wise the external RC network shown in
Figure 4 must be
connected to the RESET pin (the conditions in
Figure 4
must be met) The RESET pin is configured as a Schmitt
trigger input If not used it should be connected to VCC
Initialization will occur whenever a logic ‘‘0’’ is applied to the
RESET input providing it stays low for at least three instruc-
tion cycle times
Note
If CKI clock is less than 32 kHz the internal reset logic (option
29e1) MUST be disabled and the external RC circuit must be used
TLDD8422 – 6
FIGURE 4 Power-Up Circuit
Upon initialization the PC register is cleared to 0 (ROM ad-
dress 0) and the A B C D EN IL T and G registers are
cleared The SKL latch is set thus enabling SK as a clock
output Data Memory (RAM) is not cleared upon initializa-
tion The first instruction at address 0 must be a CLRA
(clear A register)
TIMER
There are two modes selected by mask option
a Time-base counter In this mode the instruction cycle fre-
quency generated from CKI passes through a 2-bit divide-
by-4 prescaler The output of this prescaler increments
the 8-bit T counter thus providing a 10-bit timer The pre-
scaler is cleared during execution of a CAMT instruction
and on reset
For example using a 358 MHz crystal with a divide-by-16
option the instruction cycle frequency of 22370 kHz in-
crements the 10-bit timer every 447 ms By presetting the
counter and detecting overflow accurate timeouts be-
tween 1788 ms (4 counts) and 4577 ms (1024 counts)
are possible Longer timeouts can be achieved by accu-
mulating under software control multiple overflows
b External event counter In this mode a low-going pulse
(‘‘1’’ to ‘‘0’’) at least 2 instruction cycles wide on the IN2
input will increment the 8-bit T counter
Note
The IT instruction is not allowed in this mode
TLDD8422 – 7
Crystal or Resonator
Crystal
Component Values
Value
R1
R2
C1(pF)
C2(pF)
32 kHz
220k
20M
30
6 – 36
455 kHz
5k
10M
80
40
2096 MHz
2k
1M
30
6 – 36
36 MHz
1k
1M
30
6 – 36
RC Controlled Oscillator
RC
Cycle
VCC
Time
30k
82 pF
6 – 18 ms
t
45V
Note
15ksRs150k
50 pFsCs150 pF
FIGURE 5 Oscillator Component Values
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com