Electronic Components Datasheet Search
  English  ▼

X  

74F298 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74F298
Description  Quad 2-input multiplexer with storage
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F298 Datasheet(HTML) 5 Page - NXP Semiconductors

  74F298 Datasheet HTML 1Page - NXP Semiconductors 74F298 Datasheet HTML 2Page - NXP Semiconductors 74F298 Datasheet HTML 3Page - NXP Semiconductors 74F298 Datasheet HTML 4Page - NXP Semiconductors 74F298 Datasheet HTML 5Page - NXP Semiconductors 74F298 Datasheet HTML 6Page - NXP Semiconductors 74F298 Datasheet HTML 7Page - NXP Semiconductors 74F298 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Philips Semiconductors
Product specification
74F298
Quad 2-input multiplexer with storage
1989 Aug 14
5
AC SETUP REQUIREMENTS
LIMITS
SYMBOL
PARAMETER
TEST
CONDITION
Tamb = +25°C
VCC = +5.0V
CL = 50pF
RL = 500Ω
Tamb = 0°C to +70°C
VCC = +5.0V ± 10%
CL = 50pF
RL = 500Ω
UNIT
MIN
TYP
MAX
MIN
MAX
ts(H)
ts(L)
Setup time, High or Low
I0n, I1n to CP
Waveform
NO TAG
2.0
2.0
2.0
2.0
ns
th(H)
th(L)
Hold time, High or Low
I0n, I1n to CP
Waveform
NO TAG
1.0
1.0
1.0
1.0
ns
ts(H)
ts(L)
Setup time, High or Low
S to CP
Waveform
NO TAG
6.0
5.0
7.0
6.0
ns
th(H)
th(L)
Hold time, High or Low
S to CP
Waveform
NO TAG
0
0
0
0
ns
tw(H)
tw(L)
CP Pulse width,
High or Low
Waveform
NO TAG
5.0
5.0
5.0
7.0
ns
AC WAVEFORMS
For all waveforms, VM = 1.5V.
The shaded areas indicate when the input is permitted to change for predictable output performance.
VM
VM
1/fMAX
tW(L)
CP
Qn
tW(H)
VM
VM
SF00863
tPLH
tPHL
Waveform 1.
Clock Input to Output, Clock Pulse Width, and
Maximum Clock Frequency
VM
VM
VM
VM
th(H)
th(L)
Ion, I1n, S
CP
ts(L)
ts(H)
SF00864
VM
VM
Waveform 2.
Data Setup and Hold Times
TEST CIRCUIT AND WAVEFORMS
tw
90%
VM
10%
90%
VM
10%
90%
VM
10%
90%
VM
10%
NEGATIVE
PULSE
POSITIVE
PULSE
tw
AMP (V)
0V
0V
tTHL (tf )
INPUT PULSE REQUIREMENTS
rep. rate
tw
tTLH
tTHL
1MHz
500ns
2.5ns
2.5ns
Input Pulse Definition
VCC
family
74F
D.U.T.
PULSE
GENERATOR
RL
CL
RT
VIN
VOUT
Test Circuit for Totem-Pole Outputs
DEFINITIONS:
RL = Load resistor;
see AC ELECTRICAL CHARACTERISTICS for value.
CL = Load capacitance includes jig and probe capacitance;
see AC ELECTRICAL CHARACTERISTICS for value.
RT = Termination resistance should be equal to ZOUT of
pulse generators.
tTHL (tf )
tTLH (tr )
tTLH (tr )
AMP (V)
amplitude
3.0V
1.5V
VM
SF00006



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com