Electronic Components Datasheet Search
  English  ▼

X  

74F298 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74F298
Description  Quad 2-input multiplexer with storage
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F298 Datasheet(HTML) 3 Page - NXP Semiconductors

  74F298 Datasheet HTML 1Page - NXP Semiconductors 74F298 Datasheet HTML 2Page - NXP Semiconductors 74F298 Datasheet HTML 3Page - NXP Semiconductors 74F298 Datasheet HTML 4Page - NXP Semiconductors 74F298 Datasheet HTML 5Page - NXP Semiconductors 74F298 Datasheet HTML 6Page - NXP Semiconductors 74F298 Datasheet HTML 7Page - NXP Semiconductors 74F298 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Philips Semiconductors
Product specification
74F298
Quad 2-input multiplexer with storage
1989 Aug 14
3
LOGIC DIAGRAM
I1a
I0a
I1b
I0b
I1c
I0c
I1d
I0d
23
1
4
5
9
6
7
15
14
13
12
Qa
Qb
Qc
Qd
VCC = Pin 16
GND = Pin 8
SF00862
R
CP
SQa
R
CP
SQb
R
CP
SQc
R
CP
SQd
S
CP
10
11
FUNCTION TABLE
INPUTS
OUTPUT
OPERATING MODE
CP
S
I0n
I1n
Qn
OPERATING MODE
↓
l
l
X
L
Load source “0”
↓
l
h
X
H
Load source “0”
↓
h
X
l
L
Load source “1”
↓
h
X
h
H
Load source “1”
H
=
High voltage level
h
=
High voltage level one setup time prior to the High-to-Low
clock transition
L
=
Low voltage level
l
=
Low voltage level one setup time prior to the High-to-Low
clock transition
X
=
Don’t care
↓
=
High-to-Low clock transition
ABSOLUTE MAXIMUM RATINGS
(Operation beyond the limits set forth in this table may impair the useful life of the device.
Unless otherwise noted these limits are over the operating free-air temperature range.)
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
–0.5 to +7.0
V
VIN
Input voltage
–0.5 to +7.0
V
IIN
Input current
–30 to +5
mA
VOUT
Voltage applied to output in High output state
–0.5 to VCC
V
IOUT
Current applied to output in Low output state
40
mA
Tamb
Operating free-air temperature range
0 to +70
°C
Tstg
Storage temperature range
–65 to +150
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com