Electronic Components Datasheet Search
  English  ▼

X  

1000418 Datasheet(PDF) 3 Page - AVX Corporation

Part # 1000418
Description  WLAN BT Zigbee Embedded Stamped Metal Antenna
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

1000418 Datasheet(HTML) 3 Page - AVX Corporation

  1000418 Datasheet HTML 1Page - AVX Corporation 1000418 Datasheet HTML 2Page - AVX Corporation 1000418 Datasheet HTML 3Page - AVX Corporation 1000418 Datasheet HTML 4Page - AVX Corporation 1000418 Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DATASHEET |
Part No. 1000418
Antenna Radiation Patterns
Typical Performance in Free-space
Measured @ 2450, 5000 MHz
Z
X
Y
X
Z
Y
Z
Y
X
X
Z
Y
Z
Y
© 2021 KYOCERA AVX
X
2.4 / 5 GHz KYOCERA AVX Embedded Antenna Specifications
KYOCERA AVX produces a wide variety of standard and custom antennas to meet user needs.
tel +(1) 858.550.3820
email: eth.info@KYOCERA-AVX.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com