Electronic Components Datasheet Search
  English  ▼

X  

1000418 Datasheet(PDF) 1 Page - AVX Corporation

Part # 1000418
Description  WLAN BT Zigbee Embedded Stamped Metal Antenna
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

1000418 Datasheet(HTML) 1 Page - AVX Corporation

  1000418 Datasheet HTML 1Page - AVX Corporation 1000418 Datasheet HTML 2Page - AVX Corporation 1000418 Datasheet HTML 3Page - AVX Corporation 1000418 Datasheet HTML 4Page - AVX Corporation 1000418 Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DATASHEET
Part No. 1000418
Product: Wi-Fi / BT / WLAN /
Zigbee Embedded Stamped
Metal Antenna
Part No. 1000418
WLAN BT Zigbee Embedded Stamped Metal Antenna
2.4 / 4.9 / 5.2 / 5.8 GHz (802.11 a/b/g/n/c + Japan)
Supports: Wi-Fi applications, Agriculture, Automotive, Bluetooth, Zigbee, WLAN, Smart Home, Healthcare, Digital Signage
9/27/2021
Proprietary
www.KYOCERA-AVX.com
KYOCERA AVX WLAN antennas use specific technology in a trace configuration
to provide high performance. This antenna has unique features enabling limited
range RF tuning. KYOCERA AVX antennas requires a smaller design keep-out
area, carry lower program development risk which yields a quicker time-to-
market, without sacrificing RF performance.
• Embedded
design
• Cellular,
Headsets,
Tablets
• Gateway,
Access
Point
• Handheld
• Telematics
• Tracking
• Healthcare
• M2M,
Industrial
devices
• Smart Grid
• OBD-II
KEY BENEFITS
Stay-in-Tune
KYOCERA AVX antenna
technology provides superior
RF field containment, resulting
in less interaction with
surrounding components.
Quicker Time-to-Market
By optimizing antenna size,
performance and emissions,
customer and regulatory
specifications are more easily met.
Reliability
Products are the latest RoHS
version compliant
APPLICATIONS
Wi-Fi Dual Band Stamp Metal
Embedded Antenna
2.4 GHz; 5 GHz
Frequency
2400 – 2485 MHz
5150 – 5825 MHz
Peak Gain
4.0 dBi
4.2 dBi
Average Efficiency
70%
70%
VSWR Match
2:1 max
Feed Point Impedance
50 ohms unbalanced
Polarization
Linear
Power Handling
0.5 Watt CW
Electrical Specifications
Typical Characteristics in Free Space
Ordering Part Number
1000418
Size (mm)
45.0 x 11.3 x 5.1
Weight (grams)
1.6
Mounting
(Apply with Plastic Screw)
Non-Metallic Surface: Mount antenna directly
Metallic Surface: > 12 mm air gap
Connectors
U.Fl compatible receptacle on the PCB
Cable Length Cables sold separately, please contact KYOCERA
AVX
Mechanical Specifications & Ordering Part Number


Similar Part No. - 1000418

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
100041861 TURCK-100041861 Datasheet
1Mb / 3P
Incremental Shaft Encoder Industrial Line
11/07/2023
More results

Similar Description - 1000418

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT10039 WPI-WPANT10039 Datasheet
65Kb / 2P
915 MHz Stamped Metal Embedded Antenna
WPANT10043 WPI-WPANT10043 Datasheet
85Kb / 2P
Wi-Fi / ZigBee / WLAN Antenna
WPANT10071 WPI-WPANT10071 Datasheet
285Kb / 5P
900 MHz ISM band Stamped Metal Embedded Antenna
WPANT10078 WPI-WPANT10078 Datasheet
82Kb / 2P
Wi-Fi / BT / ZigBee Antenna
logo
AVX Corporation
1000423 AVX-1000423 Datasheet
751Kb / 5P
WLAN / BT/Zigbee Stamped Metal Antenna
9/27/2021
1001388 AVX-1001388 Datasheet
1Mb / 8P
5 GHz Single Band Stamped Metal Embedded Antenna
10/4/2019
1001932FT AVX-1001932FT Datasheet
1Mb / 7P
WLAN/BT/Zigbee/WiFi 6E Tunable Embedded FPC Antenna
9/29/2022
1002295 AVX-1002295 Datasheet
1,006Kb / 7P
Wi-Fi/BT Single Band Stamped Metal Embedded Antenna
9/27/2021
1002298 AVX-1002298 Datasheet
1Mb / 11P
Wi-Fi/BT Dual Band or V2X Stamped Metal Embedded Antenna
9/27/2021
M830520 AVX-M830520 Datasheet
1Mb / 7P
WLAN / BT / Zigbee Embedded Ceramic Antenna
11/15/2018
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com