Electronic Components Datasheet Search
  English  ▼

X  

VCNL4020C Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VCNL4020C
Description  High Resolution Digital Biosensor for Wearable Applications With I2C Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCNL4020C Datasheet(HTML) 1 Page - Vishay Siliconix

  VCNL4020C Datasheet HTML 1Page - Vishay Siliconix VCNL4020C Datasheet HTML 2Page - Vishay Siliconix VCNL4020C Datasheet HTML 3Page - Vishay Siliconix VCNL4020C Datasheet HTML 4Page - Vishay Siliconix VCNL4020C Datasheet HTML 5Page - Vishay Siliconix VCNL4020C Datasheet HTML 6Page - Vishay Siliconix VCNL4020C Datasheet HTML 7Page - Vishay Siliconix VCNL4020C Datasheet HTML 8Page - Vishay Siliconix VCNL4020C Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
VCNL4020C
www.vishay.com
Vishay Semiconductors
Rev. 1.1, 20-Mar-18
1
Document Number: 84350
For technical questions, contact: sensorstechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Resolution Digital Biosensor for Wearable Applications
With I2C Interface
DESCRIPTION
The VCNL4020C is a fully integrated biosensor and ambient
light sensor. Fully integrated means that the infrared emitter
is included in the package. It has 16 bit resolution. It
includes a signal processing IC and features standard I2C
communication interface. It features an interrupt function.
APPLICATIONS
• Wearables
• Health monitoring
•Pulse oximetry
FEATURES
• Package type: surface-mount
• Package form: SMD
• Dimensions (L x W x H in mm): 4.90 x 2.40 x 0.83
• Integrated modules: infrared emitter (IRED),
ambient light sensor (ALS), photo diode (PD),
and signal conditioning IC
• Interrupt function
• Supply voltage range VDD: 2.5 V to 3.6 V
• Supply voltage range IR anode: 2.5 V to 5 V
• Communication via I2C interface
•I2C bus H-level range: 1.7 V to 5 V
• Floor life: 72 h, MSL 4, according to J-STD-020
• Low stand by current consumption: 1.5 μA
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
OPTICAL BIOSENSORS FUNCTION
• Built-in
infrared
emitter
and
broader
sensitivity
photodiode allows to also work with green and red LEDs
• 16 bit effective resolution ensures excellent cross talk
immunity
• Programmable LED drive current from 10 mA to 200 mA in
10 mA steps
• Excellent ambient light suppression through signal
modulation
AMBIENT LIGHT FUNCTION
• Built-in
ambient
light
photo-pin-diode
with
close-to-human-eye sensitivity
• 16 bit dynamic range from 0.25 lx to 16 klx
• 100 Hz and 120 Hz flicker noise rejection
Note
(1) Adjustable through I2C interface
7
nc
6
nc
9
GND
8
GND
10 IR cathode
IR anode
1
SDA
2
INT
3
SCL
4
V
DD
5
22620
PRODUCT SUMMARY
PART
NUMBER
OPERATING
VOLTAGE
RANGE
(V)
I2C BUS
VOLTAGE
RANGE
(V)
LED PULSE
CURRENT (1)
(mA)
AMBIENT
LIGHT
RANGE
(lx)
SPECTRAL
BANDWIDTH
RANGE
λ0.5 (nm)
OUTPUT
CODE
ADC RESOLUTION
BIOSENSOR / AMBIENT
LIGHT SENSOR
VCNL4020C
2.5 to 3.6
1.7 to 5
10 to 200
0.25 to 16 383
550 to 970
16 bit, I2C
16 bit / 16 bit


Similar Part No. - VCNL4020C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCNL4020C VISHAY-VCNL4020C Datasheet
224Kb / 16P
High Resolution Digital Biosensor for Wearable Applications with I2C Interface
12-Jul-16
VCNL4020C VISHAY-VCNL4020C Datasheet
215Kb / 16P
High Resolution Digital Biosensor for Wearable Applications With I2C Interface
20-Mar-18
VCNL4020C-GS08 VISHAY-VCNL4020C-GS08 Datasheet
215Kb / 16P
High Resolution Digital Biosensor for Wearable Applications With I2C Interface
20-Mar-18
VCNL4020C-GS18 VISHAY-VCNL4020C-GS18 Datasheet
215Kb / 16P
High Resolution Digital Biosensor for Wearable Applications With I2C Interface
20-Mar-18
VCNL4020C VISHAY-VCNL4020C_V01 Datasheet
215Kb / 16P
High Resolution Digital Biosensor for Wearable Applications With I2C Interface
20-Mar-18
More results

Similar Description - VCNL4020C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP100 TI-TMP100 Datasheet
221Kb / 10P
Digital Temperature Sensor with I2C Interface
TMP101-Q1 TI1-TMP101-Q1 Datasheet
312Kb / 19P
DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
TMP101NA-250G4 TI-TMP101NA-250G4 Datasheet
819Kb / 19P
Digital Temperature Sensor with I2C Interface
logo
Vishay Siliconix
VCNL4020C VISHAY-VCNL4020C Datasheet
224Kb / 16P
High Resolution Digital Biosensor for Wearable Applications with I2C Interface
12-Jul-16
VCNL3036 VISHAY-VCNL3036 Datasheet
226Kb / 16P
High Resolution Digital Biosensor for Wearable Applications
18-Mar-2020
VCNL3036X01 VISHAY-VCNL3036X01 Datasheet
238Kb / 16P
High Resolution Digital Proximity Sensor With I2C Interface
12-Aug-2020
VCNL3036 VISHAY-VCNL3036_V01 Datasheet
225Kb / 16P
High Resolution Digital Biosensor for Wearable Applications With I2C Interface
18-Mar-2020
VCNL4020C VISHAY-VCNL4020C_V01 Datasheet
215Kb / 16P
High Resolution Digital Biosensor for Wearable Applications With I2C Interface
20-Mar-18
VCNL3036X01 VISHAY-VCNL3036X01_V01 Datasheet
239Kb / 16P
High Resolution Digital Proximity Sensor With I2C Interface
12-Aug-2020
VCNL3036 VISHAY-VCNL3036_V02 Datasheet
226Kb / 16P
High Resolution Digital Biosensor for Wearable Applications With I2C Interface
18-Mar-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com