Electronic Components Datasheet Search
  English  ▼

X  

VCNL4020C Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VCNL4020C
Description  High Resolution Digital Biosensor for Wearable Applications With I2C Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCNL4020C Datasheet(HTML) 2 Page - Vishay Siliconix

  VCNL4020C Datasheet HTML 1Page - Vishay Siliconix VCNL4020C Datasheet HTML 2Page - Vishay Siliconix VCNL4020C Datasheet HTML 3Page - Vishay Siliconix VCNL4020C Datasheet HTML 4Page - Vishay Siliconix VCNL4020C Datasheet HTML 5Page - Vishay Siliconix VCNL4020C Datasheet HTML 6Page - Vishay Siliconix VCNL4020C Datasheet HTML 7Page - Vishay Siliconix VCNL4020C Datasheet HTML 8Page - Vishay Siliconix VCNL4020C Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
VCNL4020C
www.vishay.com
Vishay Semiconductors
Rev. 1.1, 20-Mar-18
2
Document Number: 84350
For technical questions, contact: sensorstechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) MOQ: minimum order quantity
ORDERING INFORMATION
ORDERING CODE
PACKAGING
VOLUME (1)
REMARKS
VCNL4020C-GS08
Tape and reel
MOQ: 3300 pcs
4.90 mm x 2.40 mm x 0.83 mm
VCNL4020C-GS18
MOQ: 13 000 pcs
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
MAX.
UNIT
Supply voltage
VDD
-0.3
5.5
V
Operation temperature range
Tamb
-25
+85
°C
Storage temperature range
Tstg
-25
+85
°C
Total power dissipation
Tamb
≤ 25 °C
Ptot
-50
mW
Junction temperature
Tj
-100
°C
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply voltage VDD
2.5
-
3.6
V
Supply voltage IR anode
2.5
-
5
V
I2C bus H-level range
1.7
-
5
V
INT H-level range
1.7
-
5
V
INT low voltage
3 mA sink current
-
-
0.4
V
Current consumption
Standby current,
no LED-operation
-1.5
2
μA
Current consumption
pulse mode incl. LED
(averaged)
2 measurements per second,
LED current 20 mA
-5-
μA
250 measurements per second,
LED current 20 mA
-
520
-
μA
2 measurements per second,
LED current 200 mA
-35-
μA
250 measurements per second,
LED current 200 mA
-4-
mA
Current consumption ambient
light mode
2 measurements per second
averaging = 1
-2.5
-
μA
8 measurements per second
averaging = 1
-10-
μA
2 measurements per second
averaging = 64
-
160
-
μA
8 measurements per second
averaging = 64
-
640
-
μA
Ambient light resolution
Digital resolution (LSB count )
-
0.25
-
lx
Ambient light output
EV = 100 lx
averaging = 64
-
400
-
counts
I2C clock rate range
fSCL
-
-
3400
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com