Electronic Components Datasheet Search
  English  ▼

X  

1002292 Datasheet(PDF) 2 Page - AVX Corporation

Part # 1002292
Description  LTE/Cellular FPC Embedded Antenna
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

1002292 Datasheet(HTML) 2 Page - AVX Corporation

  1002292 Datasheet HTML 1Page - AVX Corporation 1002292 Datasheet HTML 2Page - AVX Corporation 1002292 Datasheet HTML 3Page - AVX Corporation 1002292 Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DATASHEET |
Part No. 1002292
Low Band VSWR
High Band VSWR
Low Band Efficiency
High Band Efficiency
110mm
105mm
1.0mm
86mm coax
cable
Note:
In this position, the antenna is
located 1mm away from PCB and
5mm above the PCB
LTE / Cellular FPC KYOCERA AVX Embedded Antenna Specifications.
KYOCERA AVX produces a wide variety of standard and custom antennas to meet user needs.
VSWR and Efficiency Plots (Off-Ground)
Typical Performance on 105 x 110 mm PCB using 86 mm cable, tested on PC-ABS
© 2021 KYOCERA AVX
tel +(1) 858.550.3820
email: eth.info@KYOCERA-AVX.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com