Electronic Components Datasheet Search
  English  ▼

X  

1002292 Datasheet(PDF) 4 Page - AVX Corporation

Part # 1002292
Description  LTE/Cellular FPC Embedded Antenna
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

1002292 Datasheet(HTML) 4 Page - AVX Corporation

  1002292 Datasheet HTML 1Page - AVX Corporation 1002292 Datasheet HTML 2Page - AVX Corporation 1002292 Datasheet HTML 3Page - AVX Corporation 1002292 Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
A
Top View
DATASHEET |
Part No. 1002292
*Total Height of 1.6 mm includes the cable solder connection
*Height “C” of 0.2 mm includes FPC + adhesive thicknesses
Part Number
A (mm)
B (mm)
C (mm)
D (mm)
1002292
85.2 ± 0.3
42.1 ± 0.3
1.6 (max)
28.5 ± 3.0
1002292F0-AA10L0086
85.2 ± 0.3
42.1 ± 0.3
1.6 (max)
86.0 ± 3.0
1002292F0-AA10L0100
85.2 ± 0.3
42.1 ± 0.3
1.6 (max)
100.0 ± 3.0
*(Adhesive)
Bottom View
A
B
D
C
Side View
LTE / Cellular FPC KYOCERA AVX Embedded Antenna Specifications.
KYOCERA AVX produces a wide variety of standard and custom antennas to meet user needs.
Mechanical Dimensions
Typical antenna dimensions (mm)
© 2021 KYOCERA AVX
tel +(1) 858.550.3820
email: eth.info@KYOCERA-AVX.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com