Electronic Components Datasheet Search
  English  ▼

X  

THN5602F Datasheet(PDF) 4 Page - Tachyonics CO,. LTD

Part # THN5602F
Description  NPN SiGe RF POWER TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TACHYONICS [Tachyonics CO,. LTD]
Direct Link  
Logo TACHYONICS - Tachyonics CO,. LTD

THN5602F Datasheet(HTML) 4 Page - Tachyonics CO,. LTD

  THN5602F Datasheet HTML 1Page - Tachyonics CO,. LTD THN5602F Datasheet HTML 2Page - Tachyonics CO,. LTD THN5602F Datasheet HTML 3Page - Tachyonics CO,. LTD THN5602F Datasheet HTML 4Page - Tachyonics CO,. LTD THN5602F Datasheet HTML 5Page - Tachyonics CO,. LTD THN5602F Datasheet HTML 6Page - Tachyonics CO,. LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
THN5602F
□ APPLICATION INFORMATION
RF performance at Ts ≤ 60 ℃ in common emitter configuration.
THN5602F Source/Load Impedance as a frequency
THN5602F Transistor Impedance
VCE = 4.8V, ICQ = 5mA, Pout = 28dBm
Fig 3. Source Impedance (series components) as
Fig 4. Load Impedance (series components) as
a freq, typical values.
a freq, typical values.
ηC [%]
≥
10
≥ 60
Mode of Operation
f [MHz]
VCE [V]
PL [mW]
Freq.
RL
XL
630
CW, class-AB
465
4.8
ZS [Ω]
ZL [Ω]
Rs
Xs
440
17.34
17.21
[MHz]
6.91
7.89
8.90
9.95
22.21
19.31
17.20
15.66
470
17.09
450
460
17.12
7.07
2.58
19.00
GP [dB]
-0.59
ZL
Zs
-10
-5
0
5
10
15
20
25
30
430
440
450
460
470
480
Freq [MHz]
RL
XL
ZL
[Ω]
4
6
8
10
12
14
16
18
20
430
440
450
460
470
480
Freq[MHz]
Rs
Xs
ZS
[Ω]
www.tachyonics.co.kr
-4/6-
Sep-2003
Rev 1.1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com