Electronic Components Datasheet Search
  English  ▼

X  

THN5602F Datasheet(PDF) 1 Page - Tachyonics CO,. LTD

Part # THN5602F
Description  NPN SiGe RF POWER TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TACHYONICS [Tachyonics CO,. LTD]
Direct Link  
Logo TACHYONICS - Tachyonics CO,. LTD

THN5602F Datasheet(HTML) 1 Page - Tachyonics CO,. LTD

  THN5602F Datasheet HTML 1Page - Tachyonics CO,. LTD THN5602F Datasheet HTML 2Page - Tachyonics CO,. LTD THN5602F Datasheet HTML 3Page - Tachyonics CO,. LTD THN5602F Datasheet HTML 4Page - Tachyonics CO,. LTD THN5602F Datasheet HTML 5Page - Tachyonics CO,. LTD THN5602F Datasheet HTML 6Page - Tachyonics CO,. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
THN5602F
The THN5602F is a low cost, NPN medium power
SiGe HBT(Hetero-Junction Bipolar Transistor)
encapsulated in a plastic SOT-89 SMD package.
TheTHN5602Fcanbeusedasadriverdeviceor
an output device, depending on the specific app-
lication.
□ FEATURES
o 4.8 Volt operation
o P1dB 28 dBm @f=465MHz
o Power gain 10 dB @f=465MHz
PIN CONFIGURATION
□ APPLICATIONS
o Hand-held radio equipment in common
emitter class-AB operation in 450 MHz
communication band.
□ MAXIMUM RATINGS
VCBO
Collector-Base Voltage
Open Emitter
VCEO
Collector-Emitter Voltage
Open Base
VEBO
Emitter-Base Voltage
Open Collector
Ic
Collector Current (DC)
PT
Total Power Dissipation
Ts = 60℃ ; note 1
TSTG
Storage Temperature
TJ
Operating Juction Temperature
4
350
8
base
collector
emitter
b
c
V
V
collector
20
3e
4c
PIN NO
SYMBOL
DESCRIPTION
SYMBOL
PARAMETER
CONDITION
VALUE
UNIT
1
2
V
mA
W
℃
-65 ~ 150
150
1
℃
NPN SiGe RF POWER
TRANSISTOR
4
SOT-89
Unit : mm
www.tachyonics.co.kr
-1/6-
Sep-2003
Rev 1.1


Similar Part No. - THN5602F

ManufacturerPart #DatasheetDescription
logo
Tachyonics CO,. LTD
THN5601B TACHYONICS-THN5601B Datasheet
89Kb / 7P
NPN SiGe RF POWER TRANSISTOR
logo
AUK corp
THN5601B AUK-THN5601B Datasheet
224Kb / 7P
SiGe NPN Transistor
logo
Tachyonics CO,. LTD
THN5601SF TACHYONICS-THN5601SF Datasheet
324Kb / 11P
NPN SiGe RF POWER TRANSISTOR
More results

Similar Description - THN5602F

ManufacturerPart #DatasheetDescription
logo
Tachyonics CO,. LTD
THN6601B TACHYONICS-THN6601B Datasheet
280Kb / 7P
NPN SiGe RF TRANSISTOR
THN4201 TACHYONICS-THN4201 Datasheet
227Kb / 12P
NPN SiGe RF TRANSISTOR
THN5601B TACHYONICS-THN5601B Datasheet
89Kb / 7P
NPN SiGe RF POWER TRANSISTOR
THN5601SF TACHYONICS-THN5601SF Datasheet
324Kb / 11P
NPN SiGe RF POWER TRANSISTOR
THN6201 TACHYONICS-THN6201 Datasheet
251Kb / 13P
NPN SiGe RF TRANSISTOR
THN6301 TACHYONICS-THN6301 Datasheet
206Kb / 11P
NPN SiGe RF TRANSISTOR
THN6501 TACHYONICS-THN6501 Datasheet
231Kb / 13P
NPN SiGe RF TRANSISTOR
THN6701B TACHYONICS-THN6701B Datasheet
253Kb / 6P
NPN SiGe RF POWER TRANSISTOR
logo
STMicroelectronics
START620 STMICROELECTRONICS-START620 Datasheet
30Kb / 5P
NPN SiGe RF Transistor
03-May-2002
logo
Teledyne Technologies I...
CTS6002 TELEDYNE-CTS6002 Datasheet
165Kb / 3P
NPN SiGe RF Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com