Electronic Components Datasheet Search
  English  ▼

X  

APE10106 Datasheet(PDF) 2 Page - Nais(Matsushita Electric Works)

Part # APE10106
Description  THE SLIM POWER RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

APE10106 Datasheet(HTML) 2 Page - Nais(Matsushita Electric Works)

  APE10106 Datasheet HTML 1Page - Nais(Matsushita Electric Works) APE10106 Datasheet HTML 2Page - Nais(Matsushita Electric Works) APE10106 Datasheet HTML 3Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PE
212
TYPES AND COIL DATA (at 20
°C 68°F)
Part No.
Contact
arrangement
Nominal
voltage,
V DC
Pick-up
voltage,
(Initial)
V DC (max.)
Drop-out
voltage,
(Initial)
V DC (min.)
Nominal operating
current,
mA (
±10%)
Nominal
operating power,
mW
Coil
resistance,
Ω (±10%)
Max. allowable
voltage,
V DC
APE1004H
1 Form A
(without Au-
plated)
4.5
2.97
0.225
38
170
119
5.4
APE10006
6
3.96
0.3
28
212
7.2
APE10012
12
7.92
0.6
14
847
14.4
APE10018
18
11.88
0.9
9
1,906
21.6
APE10024
24
15.84
1.2
7
3,388
28.8
APE10048
48
31.68
2.4
5
217
10,618
57.6
APE1014H
1 Form A
(with Au-plated)
4.5
2.97
0.225
38
170
119
5.4
APE10106
6
3.96
0.3
28
212
7.2
APE10112
12
7.92
0.6
14
847
14.4
APE10118
18
11.88
0.9
9
1,906
21.6
APE10124
24
15.84
1.2
7
3,388
28.8
APE10148
48
31.68
2.4
5
217
10,618
57.6
APE3004H
1 Form C
(without Au-
plated)
4.5
2.97
0.225
38
170
119
5.4
APE30006
6
3.96
0.3
28
212
7.2
APE30012
12
7.92
0.6
14
847
14.4
APE30018
18
11.88
0.9
9
1,906
21.6
APE30024
24
15.84
1.2
7
3,388
28.8
APE30048
48
31.68
2.4
5
217
10,618
57.6
APE3014H
1 Form C
(with Au-plated)
4.5
2.97
0.225
38
170
119
5.4
APE30106
6
3.96
0.3
28
212
7.2
APE30112
12
7.92
0.6
14
847
14.4
APE30118
18
11.88
0.9
9
1,906
21.6
APE30124
24
15.84
1.2
7
3,388
28.8
APE30148
48
31.68
2.4
5
217
10,618
57.6
DIMENSIONS
mm inch
1. 1 Form A type
General tolerance:
±0.3 ±.012
0.3
.012
+0.2
–0.1
+.008
–.004
1.2
.047
2-0.5
2-.020
3.78
.149
21.42
.843
28.0max.
1.102max.
2-1.0
2-.039
5.04
.198
1.9
.075
3.5
.138
0.5
.020
15.0max.
.591max.
5.0max.
.197max.
1.2
.047
0.4
.016
+0.2
–0.1
+.008
–.004
PC board pattern (Bottom view)
Tolerance:
±0.1 ±.004
Schematic (Bottom view)
21.42
.843
5.04
.198
1.9
.075
3.78
.149
1.2
.047
NO
COM
Coil
2. 1 Form C type
General tolerance:
±0.3 ±.012
1.2
.047
2-0.5
2-.020
3.78
.149
21.42
.843
28.0max.
1.102max.
3-1.0
3-.039
5.04
.198
1.9
.075
3.5
.138
0.5
.020
15.0max.
.591max.
5.0max.
.197max.
1.2
.047
5.04
.198
0.3
.012
+0.2
–0.1
+.008
–.004
0.4
.016
+0.2
–0.1
+.008
–.004
PC board pattern (Bottom view)
Tolerance:
±0.1 ±.004
Schematic (Bottom view)
21.42
.843
5.04
.198
1.9
.075
3.78
.149
1.2
.047
5.04
.198
NO
COM
Coil
NC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com