Electronic Components Datasheet Search
  English  ▼

X  

APE10106 Datasheet(PDF) 1 Page - Nais(Matsushita Electric Works)

Part # APE10106
Description  THE SLIM POWER RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

APE10106 Datasheet(HTML) 1 Page - Nais(Matsushita Electric Works)

  APE10106 Datasheet HTML 1Page - Nais(Matsushita Electric Works) APE10106 Datasheet HTML 2Page - Nais(Matsushita Electric Works) APE10106 Datasheet HTML 3Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
211
PE-RELAYS
VDE
Pending
THE SLIM POWER RELAY
28
1.102
15
.591
5
.197
FEATURES
• Slim size
28 mm (L)
×5 mm (W)×15 mm (H)
1.102 inch (L)
×.197 inch (W)×.591 inch
(H)
permits high density mounting
• Wide switching capacity:
100 mA/12 V DC-6A/250 V AC
• High sensitivity: 170mW
• High breakdown (4,000 V) and surge
(6,000 V) voltage between contacts
and coil
• Clearance/creepage distance: 8/8 mm
• 1 Form A/1 Form C contact.
Insulation complying to following standards:
EN 60255 General specification for electrical relays
EN 60335 For use in house-hold appliances
EN 60730 For use in temperature sensing appliances
EN 60950 For use in electrical business equipment
EN 60065 For use in entertainment electronics
(radio, HiFi-sets)
EN 50178 For use in industrial range
SPECIFICATIONS
Contacts
Coil (at 25
°C 77°F, 50% R.H.)
Characteristics
Arrangement
1 Form A, 1 Form C
Contact material
Silver alloy
Au-plated
silver alloy
Initial contact resistance, max.
(By voltage drop 6 V DC 1 A)
100 m
Ω
30 m
Ω
Rating (resis-
tive)
Nominal switching capacity
6 A 250 V AC
Maximum switching power
1,500 VA
Maximum switching voltage
400 V AC/300 V DC
Max. switching current
6 A (AC)
Expected life
(min.opera-
tions)
Mechanical (at 180 cpm)
5
×106
Electrical (at 6 cpm)
(at rated load)
N.O.: 5
×104
N.C.: 3
×104
Nominal operating power
170 mW (4.5 to 24 V DC)
217 mW (48 V DC)
Initial insulation resistance*1
Min. 1,000 M
Ω at 500 V DC
Initial breakdown
voltage*2
Between open
contacts
1,000 Vrms
Between con-
tacts and coil
4,000 Vrms
Surge voltage between contacts and
coil*3
Min. 6,000 V (Initial)
Operate time*4 (at nominal voltage)
Max. 8 ms (approx. 5 ms)
Release time (without diode)*4
(at nominal voltage)
Max. 4 ms (approx. 2.5 ms)
Temperature rise
Max. 30
°C with nominal coil
voltage across
coil and at nominal switching
capacity
Shock resistance
Functional*5
1 Form C: Min. 49 m/s2{5 G}
1 Form A: Min. 98 m/s2{10 G}
Destructive*6
Min. 980 m/s2 {100 G}
Vibration resistance
Functional*7
10 to 55 Hz
at double amplitude of 1.0 mm/6 G
Destructive
10 to 55 Hz
at double amplitude of 1.5 mm/9 G
Conditions for operation,
transport and storage*8
(Not freezing and condens-
ing at low temperature)
Ambient
temp.
–40
°C to +85°C
–40
°F to +185°F
Humidity
5 to 85%R.H.
Unit weight
Approx. 4 g .14 oz
Remarks
* Specifications will vary with foreign standards certification ratings.
*1 Measurement at same location as "Intial breakdown voltage" section
*2 Detection current: 10mA
*3 Wave is standard shock voltage of
±1.2×50µs according to JEC-212-1981
*4 Excluding contact bounce time
*5 Half-wave pulse of sine wave: 50ms; detection time: 10
µs
*6 Half-wave pulse of sine wave: 11ms
*7 Detection time: 10
µs
*8 Refer to 5. Conditions for operation, transport and storage mentioned in
AMBIENT ENVIRONMENT (Page 61).
TYPICAL APPLICATIONS
• Interface relays for programmable con-
trollers
• Output relays for measuring equipment,
timers, counters and temperature con-
trollers
• Industrial equipment, office equipment
• House-hold appliances for Europe
ORDERING INFORMATION
Ex.
Contact arrangement
Contact type
(Notes) 1. Standard packing: Tube: 20 pcs.; Case: 1,000 pcs.
2. 5 V, 60 V type is also available.
3. 1 Form B is also available.
1: 1 Form A
3: 1 Form C
0: Single contact
Contact material
0: Silver alloy
1: Au-plated silver alloy
Coil voltage (DC)
4H: 4.5 V
06: 6 V
12: 12 V
18: 18 V
24: 24 V
48: 48 V
APE
0


Similar Part No. - APE10106

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
APE1012 APLUS-APE1012 Datasheet
242Kb / 6P
very low cost voice and melody synthesizer with 4-bits CPU
APE1016 APLUS-APE1016 Datasheet
252Kb / 8P
very low cost voice and melody synthesizer with 4-bits CPU
More results

Similar Description - APE10106

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
PA1A-5V NAIS-PA1A-5V Datasheet
135Kb / 3P
THE SLIM POWER RELAY
LKS1AF-12 NAIS-LKS1AF-12 Datasheet
46Kb / 3P
250 mW Slim Power Relay
JK1APF-12V NAIS-JK1APF-12V Datasheet
54Kb / 3P
SLIM TYPE POWER RELAY
logo
Omron Electronics LLC
G2RV OMRON-G2RV Datasheet
852Kb / 12P
Slim Relay
logo
fujitsu semiconductor
FTR-F3HA FUJITSU-FTR-F3HA Datasheet
603Kb / 7P
POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-JR FUJITSU-FTR-JR Datasheet
524Kb / 7P
POWER RELAY 1 POLE 16 A-SLIM POWER RELAY
FTR-MY FUJITSU-FTR-MY Datasheet
468Kb / 7P
POWER RELAY 1 POLE - 5A SLIM POWER RELAY
FTR-F3AA005E-HA FUJITSU-FTR-F3AA005E-HA Datasheet
605Kb / 8P
POWER RELAY 1 POLE 5A SLIM TYPE RELAY
logo
List of Unclassifed Man...
202HT ETC2-202HT Datasheet
99Kb / 3P
Slim PCB Miniature Power Relay.
logo
Panasonic Semiconductor
2280140 PANASONIC-2280140 Datasheet
808Kb / 5P
1a 5A slim power relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com