Electronic Components Datasheet Search
  English  ▼

X  

ZMM5259B Datasheet(PDF) 4 Page - Weitron Technology

Part # ZMM5259B
Description  Surface Mount Zener Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

ZMM5259B Datasheet(HTML) 4 Page - Weitron Technology

  ZMM5259B Datasheet HTML 1Page - Weitron Technology ZMM5259B Datasheet HTML 2Page - Weitron Technology ZMM5259B Datasheet HTML 3Page - Weitron Technology ZMM5259B Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ZMM5221B thru ZMM5262B
WE IT R ON
WEITRON
http//www.weitron.com.tw
500
400
300
200
100
0
0
40
80
120
160
200
TA, AMBIENT TEMPERATURE
FIG 1, Power Dissipation vs Ambient Temperature
VZ, ZENER VOLTAGE (V)
Fig 2., Junction Capacitance vs Zener Voltage
VR=2.0V
TJ=25 C
0
5
10
15
20
25
200
150
100
50
0
VZ, ZENER VOLTAGE (V)
FIG 3, DIFFERENTIAL ZENER IMPEDANCE
1000
100
10
1
0
5
10
15
20
25
Iz=1.0 mA
5.0 mA
10 mA
Tj=25 C
R JA
R JA
(1)=r(1)
R JA = 300K/W
P(pk)
t1
t2
R JA
TJ-TA=Ppk
Duty Cycle, D=t1/t2
D=0.5
0.2
0.1
0.05
0.02
0.01
t1, SQUARE WAVE PULSE DURATION (seconds)
Fig 4 ,Typical Normallzed Transient Thermal Impedance Curves
1000
100
10
1.0
0.1
1.0
10
100
1000



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com