Electronic Components Datasheet Search
  English  ▼

X  

ZMM5259B Datasheet(PDF) 3 Page - Weitron Technology

Part # ZMM5259B
Description  Surface Mount Zener Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

ZMM5259B Datasheet(HTML) 3 Page - Weitron Technology

  ZMM5259B Datasheet HTML 1Page - Weitron Technology ZMM5259B Datasheet HTML 2Page - Weitron Technology ZMM5259B Datasheet HTML 3Page - Weitron Technology ZMM5259B Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ZMM5221B thru ZMM5262B
WE IT R ON
WEITRON
http://www.weitron.com.tw
Part
Number
Zener Voltage(Note1)
Typical Temperature
Coefficient
A
ZMM5221B
ZMM5222B
ZMM5223B
ZMM5224B
ZMM5225B
ZMM5226B
ZMM5227B
ZMM5228B
ZMM5229B
ZMM5230B
ZMM5231B
ZMM5232B
ZMM5233B
ZMM5234B
ZMM5235B
ZMM5236B
ZMM5237B
ZMM5238B
ZMM5239B
ZMM5240B
ZMM5241B
ZMM5242B
ZMM5243B
ZMM5244B
ZMM5245B
ZMM5246B
ZMM5247B
ZMM5248B
ZMM5249B
ZMM5250B
ZMM5251B
ZMM5252B
ZMM5253B
ZMM5254B
ZMM5255B
ZMM5256B
ZMM5257B
ZMM5258B
ZMM5259B
ZMM5260B
ZMM5261B
ZMM5262B
V z
Nom
(V)
Max
(V)
Min
(V)
Max, Zener Impedance
Max ,Reverse
Leakage Current
ZZT@IZT
Tc
IR@VR
Electrical Characteristics (T
A=25 C unless otherwise noted, VF=1.1 V Max. @IF=200mA for all types)
(V)
( )
mA
mA
@IZT
2.4
2.5
2.7
2.8
3.0
3.3
3.6
3.9
4.3
4.7
5.1
5.6
6.0
6.2
6.8
7.5
8.2
8.7
9.1
10
11
12
13
14
15
16
17
18
19
20
22
24
25
27
28
30
33
36
39
43
47
51
2.28
2.38
2.57
2.66
2.85
3.14
3.42
3.71
4.09
4.47
4.85
5.32
5.70
5.89
6.46
7.13
7.79
8.27
8.65
9.50
10.45
11.40
12.35
13.30
14.24
15.20
16.15
17.10
18.05
19.00
20.90
22.80
23.75
25.65
26.60
28.50
31.35
34.20
37.05
40.85
44.65
48.45
2.52
2.63
2.84
2.94
3.15
3.47
3.78
4.10
4.52
4.94
5.36
5.88
6.30
6.51
7.14
7.88
8.61
9.14
9.56
10.50
11.55
12.60
13.65
14.70
15.75
16.80
17.85
18.90
19.95
21.00
23.010
25.20
26.25
28.35
29.40
31.50
34.65
37.80
40.95
45.15
49.35
53.55
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
9.5
9.0
8.5
7.8
7.4
7.0
6.6
6.2
5.6
5.2
5.0
4.6
4.5
4.2
3.8
3.4
3.2
3.0
2.7
2.5
100
100
75
75
50
25
15
10
5.0
5.0
5.0
5.0
5.0
5.0
3.0
3.0
3.0
3.0
3.0
3.0
2.0
1.0
0.5
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
2.0
2.0
3.0
3.5
4.0
5.0
6.0
6.5
6.5
7.0
8.0
8.4
9.1
9.9
10
11
12
13
14
14
15
17
18
19
21
21
23
25
27
30
33
36
39
30
30
30
30
29
28
24
23
22
19
17
11
7.0
7.0
5.0
6.0
8.0
8.0
10
17
22
30
13
15
16
17
19
21
23
25
29
33
35
41
44
49
58
70
80
93
105
125
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
9.5
9.0
8.5
7.8
7.4
7.0
6.6
6.2
5.6
5.2
5.0
4.6
4.5
4.2
3.8
3.4
3.2
3.0
2.7
2.5
-0.085
-0.085
-0.085
-0.085
-0.075
-0.070
-0.065
-0.060
-0.055
±0.030
±0.030
+0.038
+0.038
+0.045
+0.050
+0.058
+0.062
+0.065
+0.068
+0.075
+0.076
+0.077
+0.079
+0.082
+0.082
+0.083
+0.084
+0.085
+0.086
+0.086
+0.087
+0.087
+0.089
+0.090
+0.091
+0.091
+0.092
+0.093
+0.094
+0.095
+0.095
+0.096
% / C
2. Zenner Voltage Tolerance Suffix "B" For 5%
1. Zener voltage is measured with a pulse test current Iz at an ambient temperture of 25 C
W
(
)
(
)
(
)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com