Electronic Components Datasheet Search
  English  ▼

X  

752 Datasheet(PDF) 5 Page - CTS Corporation

Part # 752
Description  Surface Mount
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

752 Datasheet(HTML) 5 Page - CTS Corporation

  752 Datasheet HTML 1Page - CTS Corporation 752 Datasheet HTML 2Page - CTS Corporation 752 Datasheet HTML 3Page - CTS Corporation 752 Datasheet HTML 4Page - CTS Corporation 752 Datasheet HTML 5Page - CTS Corporation 752 Datasheet HTML 6Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
36
CTS Resistor/Electrocomponents s 406 Parr Road s Berne, IN s 46711 s fax: (219) 589-3243 s www.ctscorp.com s SPB
37
CTS Resistor/Electrocomponents s 406 Parr Road s Berne, IN s 46711 s fax: (219) 589-3243 s www.ctscorp.com s SPB
Tape & Reel
742C043
742C083
742C163 743C043
743C083
744C043
744C083
745C101 745X101 746X101
742X083
745C102 745X102
Parts/Reel
5000
5000
4000
4000
4000
4000
4000
4000
4000
5000
Pitch
4mm
4mm
4mm
4mm
4mm
4mm
8mm
4mm
4mm
4mm
Carrier Width
8mm
8mm
12mm
8mm
12mm
8mm
12mm
12mm
12mm
8mm
Material
paper
paper
plastic
plastic
plastic
plastic
plastic
plastic
plastic
paper
Reel diameter
7
"
7
"
7
"
7
"
7
"
7
"
7
"
7
"
7
"
7
"
Tape & Reel
TR1
TR2
Parts/reel
5000 STD
2000 STD
1000 min.
1000 min.
Tape width
24mm
24mm
Tape pitch
4mm
12mm
Reel diameter
13
"
13
"
Standar d Pac kaging
Series 770
Bulk Pack
All Products 250 Parts/Bag
Slide Pack
Tube Length = 457mm/18 in
Series 752
Series 766/767/768
Network
8 Pin
14 Pin
16 Pin
14 Pin
16 Pin
20 Pin
Package
766
766
766
767/768
767/768
768
Tape & Reel
Tape width
12mm
16mm
16mm
24mm
24mm
24mm
Tape pitch
8mm
8mm
8mm
12mm
12mm
12mm
Reel diameter
13
"
13
"
13
"
13
"
13
"
13
"
#parts/reel*
3,000
3,000
3,000
2,000
2,000
2,000
Reel diameter
7
"
7
"
7
"
#parts/reel*
800
800
800
Slide Packs
Tube length
20
"
20
"
20
"
20
"
20
"
20
"
#parts/slide pac*
99ii
56ii
49ii
48ii
43ii
35ii
*nominal full reels or slide packs
Bar Coding Available
Bar coding of reel and boxes available on request.
CTS normally uses code configuration 39 in
accordance with (AIM) USS 39 symbol specification.
Outer container marketing per EIA-556.
Tape & Reel Specifications per EIA-481-2
Carrier Tape:
Resistivity <1 X105 ohm/sq.
Cover Tape:
Antistatic .004 max.
Reels:
Molded plastic
Cover Tape Pull:
30 To 130 gr.
Slide Pacs:
Antistatic
DIRECTION OF FEED
DIRECTION OF FEED
Tape & Reel
TR1
TR2
Parts/reel
5000 STD
2000 STD
1000 min.
1000 min.
Tape width
16mm
16mm
Tape pitch
4mm
8mm
Reel diameter
13
"
13
"
Series 753
DIRECTION OF FEED
Series 752, 753, 766, 767, 768
# Pins
4
5
6
7
8
9
10
11
12
Qty/Tube
50
40
32
28
24
22
19
18
16
Series 742,743,744,745, 746
Bulk Pack 250 parts/bag
Bulk Pack 250 parts/bag



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com