Electronic Components Datasheet Search
  English  ▼

X  

752 Datasheet(PDF) 6 Page - CTS Corporation

Part # 752
Description  Surface Mount
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

752 Datasheet(HTML) 6 Page - CTS Corporation

  752 Datasheet HTML 1Page - CTS Corporation 752 Datasheet HTML 2Page - CTS Corporation 752 Datasheet HTML 3Page - CTS Corporation 752 Datasheet HTML 4Page - CTS Corporation 752 Datasheet HTML 5Page - CTS Corporation 752 Datasheet HTML 6Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
38
CTS Resistor/Electrocomponents s 406 Parr Road s Berne, IN s 46711 s fax: (219) 589-3243 s www.ctscorp.com s EPSB
39
CTS Resistor/Electrocomponents s 406 Parr Road s Berne, IN s 46711 s fax: (219) 589-3243 s www.ctscorp.com s EPSC
Envir onmental Perfor mance Specifications
Mil. Std.
Test
Test
Max.
∆R 202 Method
Cond.
Test Description
Thermal Cycling
Series 752, 753, 766, 770
0.5%
107
B
5 cycles, -65°C to +125°C
Series 767, 768
0.25%
Series 742, 743, 744, 745, 746
1.0%
5 cycles, -55°C to +125°C
Short Time Overload
Series 766, 770
0.5%
2 1/2 x rated voltage, 5 sec (100V Max.)
Series 752, 753
0.5%
2 1/2 x rated voltage, 5 sec (50V Max.)
Series 767, 768
0.25%
2 1/2 x rated voltage, 5 sec. (100V Max.)
Series 742, 745
2.0%
2 1/2 x rated voltage, 5 sec (100V Max.)
Series 743
2.0%
2 1/2 x rated voltage, 5 sec. (200V Max.)
Series 744
2.0%
2 1/2 x rated voltage, 5 sec (400V Max.)
Series 746
2.0%
2 1/2 x rated voltage, 5 sec (50V Max.)
Moisture Resistance
Series 752, 753, 766, 767,
0.5%
106
240 hours, 0.1 rated load, -10°C to +65°C,
768, 770
90% RH
Series 742, 743, 744, 745, 746
2.0%
Load Humidity
Series 752, 753, 766, 767,
1.0%
1000 hours, 0.1 rated load, 70°C, 85-92% RH
768, 770
High Temp Exposure
Series 752, 753, 766, 767, 768, 770
1.0%
240 hours, no load, @ 125°C
Series 742, 743, 744, 745, 746
1.0%
1000 hours, no load, @ 125°C
Load Life
Series 752, 753, 766, 767, 768
1.0%
108
F
2000 hours @ 70°C, rated load
Series 770
D
1000 hours @70°C, rated load
Series 742, 743, 744, 745, 746
1.0%
1000 hours @ 70°C, rated load
Resistance to Solder Heat
Series 752, 753, 766, 767, 768
0.25%
30 seconds @ 218°C, dwell
Series 770
0.25%
A
3 second dwell @ 350°C solder
Series 742, 743, 744, 745, 746
1.0%
B
10 second dwell @ 260°C solder
Resistance to Leach
Series 742, 743, 744, 745, 746, 752, 753
N/A
120 seconds @ 260°C solder
Mechanical Shock
Series 752, 753, 766, 767,
0.25%
213
I
100g, 1 msec., 3 shocks each plane
768, 770
Vibration
Series 752, 753, 766, 767
0.25%
204
D
20g, 10-2000Hz, 4 hours/plane
768, 770
Mil. Std.
Test
Test
Max.
∆R 202 Method
Cond.
Test Description
Terminal Strength
Series 766, 767, 768
0.9 Kg. pull, 30 sec., two 45° bends
Series 770
0.25%
2.0 Kg. pull, 30 sec., three 45° bends
Low Temp Storage
Series 752, 753, 766, 767
0.25%
24 hours @ -65°C, no load
768, 770
Low Temp Operation
Series 752, 753, 766, 767
0.25%
45 min @ -65°C, full load
768, 770
Flammability (UL)
Series 752, 753, 766, 767
N/A
94V-0
768, 770
Non-Fungus per MIL-STD 810C
Series 752, 766, 767, 768, 770
Resistance to Solvents
Series All
Isopropyl alcohol
Solderability
Series All
RMA Flux, 230°C, 5 Seconds dip, 95% coverage



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com