Electronic Components Datasheet Search
  English  ▼

X  

EM6517 Datasheet(PDF) 7 Page - EM Microelectronic - MARIN SA

Part # EM6517
Description  Mask Rom
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6517 Datasheet(HTML) 7 Page - EM Microelectronic - MARIN SA

Back Button EM6517 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 11Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
EM65XX
Copyright
© 2005, EM Microelectronic-Marin SA
7
www.emmicroelectronic.com
3.
EM6504
Input / Output ports
The EM6504 - MFP version of EM6604 has no input pull-up or pull-down resistors. User has to put
an external resistor if needed in the application. In metal ROM version (EM6604) user can select
resistors described in Electrical parameters and Input/Output port mask option.
For PortC Input/Output selection there is an additional register in EM6504 (register PcOE at address
60hex) instead of metal mask in EM6604.
For PortA Rising/Falling Interrupt edge selection there is an additional register in EM6504 (register
PaIRQedge at address 63hex) instead of metal mask in EM6604.
PortC Input/Output metal options are replaced by register PcOE in EM6504 MFP version.
This register is described below.
Input / Output ports option
Output
Clocked
Pull-Down
R > 1M?
Clocked
Pull-Up
R >
1M?
Pull-
Down
R = 30k?
Pull-Down
R =
150k?
Pull-Up
R = 30k?
Pull-Up
R =
150k?
No
Input
Pull-Up
or
Pull-
Down
0
1
2
3
4
5
6
7
A0
PA0 input
x
A1
PA1 input
x
A2
PA2 input
x
A3
PA3 input
x
C0
PC0 In/Out
PCoe0
x
C1
PC1 In/Out
PCoe1
x
C2
PC2 In/Out
PCoe2
x
C3
PC3 In/Out
PCoe3
x
the MFP EM6504 option selection is showed by « x » and « PCoex »
PortA interrupt edge
This metal options are replaced by register PaIRQedge in EM6504 MFP version. The register is described
below.
PortA interrupt edge option
Interrupt on Input’s rising edge
Interrupt on Input’s falling edge
8
9
I0
PA0 – IRQ
PA0r = 1
PA0r = 0
I1
PA1 – IRQ
PA1r = 1
PA1r = 0
I2
PA2 – IRQ
PA2r = 1
PA2r = 0
I3
PA3 – IRQ
PA3r = 1
PA3r = 0
the MFP EM6504 PortA interrupt edge option is selected by values in register PaIRQedge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com