Electronic Components Datasheet Search
  English  ▼

X  

EM6517 Datasheet(PDF) 8 Page - EM Microelectronic - MARIN SA

Part # EM6517
Description  Mask Rom
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6517 Datasheet(HTML) 8 Page - EM Microelectronic - MARIN SA

Back Button EM6517 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 12Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
EM65XX
Copyright
© 2005, EM Microelectronic-Marin SA
8
www.emmicroelectronic.com
Watchdog metal option
The Watch-Dog timer is always active.
Watchdog metal option
Watch-Dog timer ACTIVE
Watch-Dog timer INACTIVE
W0
WD timer
x
Supply Voltage Level Detector
T= -10°C to 60°C
Symb.
Parameter
Min.
Typ.
Max.
Unit
VSVLD1
SVLD voltage Level1
2.02
2.30
2.38
V
Additional registers
In EM6504 there are two additional registers replacing metal options in EM6604.
Register
name
add
hex
add
dec
reset
value
write_bits
read_bits
Remarks
b'3210
Read/Write_bits
PaIRQedge
63
99
0000
0: PA0r
1: PA1r
2: PA2r
3: PA3r
Port A IRQ edge
1 = rising
0 = falling
PcOE
60
96
0000
0: PCoe0
1: PCoe1
2: PCoe2
3: PCoe3
Port C Output Enable
1 = output
0 = input
Because these two registers replace the metal option in EM6604 it is advised that they are written as
first two instructions in the main program and that they are executed only once. They should not be
changed later in the program because the metal options in EM6604 are fixed.
Electrical specifications
Standard Operating Conditions
Parameter
Value
Description
Temperature
0°C...+60°C
VDD
+2.0 ...+5.0V
VSS
0 V (reference)
CVDDCA
min. 100nF (note1)
Vreg switched logic supply
capacitor
fq
32768 Hz
nominal frequency
Rqs
35 kOhm
typical quartz serial resistor
CL
8.2pF
typical quartz load capacitance
df/f
+/- 30 ppm
quartz frequency tolerance
Note1: This capacitor maintains the Regulated Supply to the core when the core has been isolated
by the internal Supply switch during driving the high current outputs. The user should be
aware that the selection of this capacitor will dictate the time that the core can be isolated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com