Electronic Components Datasheet Search
  English  ▼

X  

EM6505 Datasheet(PDF) 13 Page - EM Microelectronic - MARIN SA

Part # EM6505
Description  Mask Rom
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6505 Datasheet(HTML) 13 Page - EM Microelectronic - MARIN SA

Back Button EM6505 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM6505 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM6505 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM6505 Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM6505 Datasheet HTML 13Page - EM Microelectronic - MARIN SA EM6505 Datasheet HTML 14Page - EM Microelectronic - MARIN SA EM6505 Datasheet HTML 15Page - EM Microelectronic - MARIN SA EM6505 Datasheet HTML 16Page - EM Microelectronic - MARIN SA EM6505 Datasheet HTML 17Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
EM65XX
Copyright
© 2005, EM Microelectronic-Marin SA
13
www.emmicroelectronic.com
VDD=5.0V, T=25°C, f=200kHz (note1) (unless otherwise specified) Rext
≈ 62kΩ
Parameter
Conditions
Symb.
Min.
Typ.
(note1)
Max.
Unit
ACTIVE Supply Current
+25°C (note2)
IVDDa
80.0
100.0
µA
ACTIVE Supply Current
(in active mode)
(note2) (note3)
0°C...+60°C
IVDDa
120.0
µA
STANDBY Supply Current
+25°C
IVDDh
30.0
40.0
µA
STANDBY Supply Current
(in Halt mode)
(note3)
0°C...+60°C
IVDDh
50.0
µA
SLEEP Supply Current
+25°C
IVDDs
1.0
2.0
µA
SLEEP Supply Current
(SLEEP =1)
(note3)
0°C...+60°C
IVDDs
5.0
µA
Note1: For current measurement the corresponding resistor for targeted frequency
±20% is
selected; Rext : external resistor between the RCin and Vss pins.
All I/O pins without internal Pull Up/Down are pulled to VDD externally.
Note2: Test loop with successive writing and reading of two different addresses with an inverted
values (five instructions should be reserved for this measurement),
Note3: NOT tested at temperature if delivered in chip form.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com