Electronic Components Datasheet Search
  English  ▼

X  

EM6505 Datasheet(PDF) 28 Page - EM Microelectronic - MARIN SA

Part # EM6505
Description  Mask Rom
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6505 Datasheet(HTML) 28 Page - EM Microelectronic - MARIN SA

Back Button EM6505 Datasheet HTML 20Page - EM Microelectronic - MARIN SA EM6505 Datasheet HTML 21Page - EM Microelectronic - MARIN SA EM6505 Datasheet HTML 22Page - EM Microelectronic - MARIN SA EM6505 Datasheet HTML 23Page - EM Microelectronic - MARIN SA EM6505 Datasheet HTML 24Page - EM Microelectronic - MARIN SA EM6505 Datasheet HTML 25Page - EM Microelectronic - MARIN SA EM6505 Datasheet HTML 26Page - EM Microelectronic - MARIN SA EM6505 Datasheet HTML 27Page - EM Microelectronic - MARIN SA EM6505 Datasheet HTML 28Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
EM65XX
Copyright
© 2005, EM Microelectronic-Marin SA
28
www.emmicroelectronic.com
11.
Ordering Information
Ordering Part Number
Part Number
Package/Die Form
Delivery Form/
Thickness
EM6503%%%SO24A
24 pin SOIC
Stick
EM6503%%%WP11
Die in waffle pack
11 mils
EM6504%%%SO24A
24 pin SOIC
Stick
EM6504%%%WP11
Die in waffle pack
11 mils
EM6505%%%SO24A
24 pin SOIC
Stick
EM6505%%%WP11
Die in waffle pack
11 mils
EM6517%%%SO28A
28 pin SOIC
Stick
EM6517%%%WP11
Die in waffle pack
11 mils
EM6520%%%TQ44D
TQFP 44 pin
Trays (Plate)
EM6520%%%WP11
Die in waffle pack
11 mils
EM6521%%%TQ52D
TQFP 52 pin
Trays (Plate)
EM6521%%%WP11
Die in waffle pack
11 mils
EM6522%%%TQ64D
TQFP 64 pin
Trays (Plate)
EM6522%%%WP11
Die in waffle pack
11 mils
EM6540%%%SO18A
18 pin SOIC
Stick
EM6540%%%WP11
Die in waffle pack
11 mils
Please make sure to give the complete Part Number when ordering, including the 3-digit version. The version is made of 3
digits %%%: the first one is a letter and the last two are numbers, e.g. P04 , P07, P12, etc.
For other delivery forms, please contact EM Microelectronic-Marin S.A.
EM Microelectronic-Marin SA (EM) makes no warranty for the use of its products, other than those expressly contained in
the Company's standard warranty which is detailed in EM's General Terms of Sale located on the Company's web site.
EM assumes no responsibility for any errors which may appear in this document, reserves the right to change devices or
specifications detailed herein at any time without notice, and does not make any commitment to update the information
contained herein. No licenses to patents or other intellectual property of EM are granted in connection with the sale of EM
products, expressly or by implications. EM's products are not authorized for use as components in life support devices or
systems.
© EM Microelectronic-Marin SA, 10/05, Rev. I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com