Electronic Components Datasheet Search
  English  ▼

X  

BXA3 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # BXA3
Description  3W Wide Input DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

BXA3 Datasheet(HTML) 2 Page - Artesyn Technologies

  BXA3 Datasheet HTML 1Page - Artesyn Technologies BXA3 Datasheet HTML 2Page - Artesyn Technologies BXA3 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
Notes
1
Maximum.
2
Maximum figure at full load (nominal).
3
Low line to high line.
4
Full load to no load.
5
An optional internal filter is available. When the filter is added, the BXA3 will
meet VDE0871-A, VDE0878-A and EN55022-A. Add the suffix ‘-F’ to the
model number, e.g. BXA3-12S15-F.
6
Conducted noise filtering to EN55022 level B may be accomplished by
putting the following capacitors across the input pins.
12VDC
5µF ceramic X7R dielectric type
24VDC
3µF ceramic X7R dielectric type
48VDC
1µF ceramic X7R dielectric type
7
Reverse voltage protection can be implemented by putting a fast blow fuse
on the positive input rail. Rate the fuse for 250mA at 48VDC input, 500mA
at 24VDC input and 1000mA at 12VDC input.
BXA3 Series
Single and dual output
DC/DC CONVERTERS
3W Wide Input DC/DC Converters
2
www.artesyn.com
File Name: BXA3.PDF Rev: 02 Oct 2002
INPUT
OUTPUT
OUTPUT
INPUT
TYPICAL
REGULATION
MODEL
VOLTAGE
VOLTAGE
CURRENT (1)
CURRENT (2)
EFFICIENCY
LINE (3)
LOAD (4)
NUMBER (5)
9-18VDC
3.3V
600mA
245mA
68%
±2.5%
±2.5%
BXA3-12S3V3
9-18VDC
15.0V
200mA
335mA
75%
±2.5%
±2.5%
BXA3-12S15
18-36VDC
3.3V
600mA
122mA
68%
±2.5%
±2.5%
BXA3-24S3V3
18-36VDC
5.0V
500mA
140mA
76%
±2.5%
±2.5%
BXA3-24S05
18-36VDC
±5.0V
±250mA
140mA
76%
±2.5%
±2.5%
BXA3-24D05
36-75VDC
3.3V
600mA
61mA
68%
±2.5%
±2.5%
BXA3-48S3V3
36-75VDC
5.0V
500mA
69mA
76%
±2.5%
±2.5%
BXA3-48S05
36-75VDC
12.0V
250mA
83mA
76%
±2.5%
±2.5%
BXA3-48S12
36-75VDC
15.0V
200mA
83mA
76%
±2.5%
±2.5%
BXA3-48S15
International Safety Standard Approvals
VDE0805/EN60950/IEC950 Licence No. 5856
UL1950 File No. E136005
CSA C22.2 No. 950 File No. LR41062C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com