Electronic Components Datasheet Search
  English  ▼

X  

BXA3 Datasheet(PDF) 3 Page - Artesyn Technologies

Part # BXA3
Description  3W Wide Input DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

BXA3 Datasheet(HTML) 3 Page - Artesyn Technologies

  BXA3 Datasheet HTML 1Page - Artesyn Technologies BXA3 Datasheet HTML 2Page - Artesyn Technologies BXA3 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Data Sheet © Artesyn Technologies® 2002
The information and specifications contained in this data sheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
BXA3 Series
Single and dual output
DC/DC CONVERTERS
3W Wide Input DC/DC Converters
3
www.artesyn.com
File Name: BXA3.PDF Rev: 02 Oct 2002
0.020 Dia.
(0.5)
0.60
(15.2)
0.80
(20.3)
23
22
2
3
16
15
14
ALL DIMENSIONS IN Inches (mm)
ALL PINS ARE IN TRUE POSITION WITHIN .010 DIA. @ M.M.C.
TOLERANCE
.XX
=
± 0.02
(INCHES)
.XXX =
± 0.005
9
10
11
0.175
(4.5)
0.1
(2.5)
0.6
(15.2)
0.1
(2.5)
1.25
(31.8)
0.02
(0.5)
0.50
(12.7)
0.12 Typ
(3.0)
DOT ON TOP
REFERENCES
PIN 2
0.1
(2.5)
0.1
(2.5)
0.03
(0.762)
BOTTOM VIEW
2.5/3W
0W
0
°C 10°C 20°C 30°C 40°C 50°C 60°C 70°C 80°C 90°C 100°C 110°C
-25
°C -20°C -10°C
71
°C
85
°C
105
°C
DERATING CURVE
Output Power (Watts)
PIN CONNECTIONS
PIN NUMBER
SINGLE OUTPUT
DUAL OUTPUT
2
–Vin
–Vin
3
–Vin
–Vin
22
+Vin
+Vin
23
+Vin
+Vin
9
No Pin
Common
10
No Pin
No Pin
11
No Connection
-Vout
14
+Vout
+Vout
15
No Pin
No Pin
16
-Vout
Common



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com