Electronic Components Datasheet Search
  English  ▼

X  

FN2230 Datasheet(PDF) 2 Page - Schaffner International Ltd

Part # FN2230
Description  DC-Busbar EMC/RFI Filter for EV charging applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN2230 Datasheet(HTML) 2 Page - Schaffner International Ltd

  FN2230 Datasheet HTML 1Page - Schaffner International Ltd FN2230 Datasheet HTML 2Page - Schaffner International Ltd FN2230 Datasheet HTML 3Page - Schaffner International Ltd FN2230 Datasheet HTML 4Page - Schaffner International Ltd FN2230 Datasheet HTML 5Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
EMC/EMI Products
Schaffner Group
Datasheets
27 Oct 2021
Filter selection table
Filter
Rated current
Capacitance*
total equiv. capacitance
Resistance*
Typical power dissipation
Weight
@55°C
@25°C/DC
approx.
[A]
[nF]
to PE [nF]
[MOhm]
[W]
[kg]
CY1
CY2
RX
RY
1000 VDC - compact housing style
High performance:
FN2220-150-99-C2222-R99
150
330
330
990
10
10
6
3
FN2220-300-99-C2222-R99
300
330
330
990
10
10
14
3
FN2220-450-99-C2222-R99
450
330
330
990
10
10
14
3
FN2220-600-99-C2222-R99
600
330
330
990
10
10
25
3
Very high performance:
FN2221-600-99-C2222-R99
600
330
330
990
10
10
25
3
500 VDC - compact housing style
High performance:
FN2230-150-99-C2022-R99
150
150
330
960
10
10
6
3
FN2230-300-99-C2022-R99
300
150
330
960
10
10
14
3
FN2230-450-99-C2022-R99
450
150
330
960
10
10
14
3
FN2230-600-99-C2022-R99
600
150
330
960
10
10
25
3
Very high performance:
FN2231-600-99-C2022-R99
600
150
330
960
10
10
25
3
1000 VDC - slim housing style
High performance:
FN2240-150-99-C2222-R99
150
330
330
990
10
10
6
3
FN2240-300-99-C2222-R99
300
330
330
990
10
10
14
3
FN2240-450-99-C2222-R99
450
330
330
990
10
10
14
3
FN2240-600-99-C2222-R99
600
330
330
990
10
10
25
3
Very high performance:
FN2241-600-99-C2222-R99
600
330
330
990
10
10
25
3
* Tolerances apply: Capacitance: ±20%, Resistance: ±10%
Product selector*
FN22rs-ttt-uu-Cvvzz-Rxy
xy – X-capacitor discharger resistor: x = RX / y = RY (e.g. -R99)
9:
10 Mohm
vvzz – Y-capacitor option: vv = Y -capacitor CY1 / zz = Y -capacitor CY2 (e.g. -C2222)
22:
330 nF
20:
150 nF
uu – Electrical connection
99:
Ni-plated busbar connection
ttt – Rated current
150:
150 A
300:
300 A
450:
450 A
600:
600 A
s – Performance
0:
High performance (recommended for most applications)
1:
Very high performance
2:
Standard performance (on request)
r – Version
2:
1000 V – compact housing style
3:
500 V – compact housing style
4:
1000 V – slim housing style
*Filter can be adapted to specific requirements. Variations of resistor and capacitor values available on request.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com